Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 79 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 75Page - Texas Instruments TMS320VC5504 Datasheet HTML 76Page - Texas Instruments TMS320VC5504 Datasheet HTML 77Page - Texas Instruments TMS320VC5504 Datasheet HTML 78Page - Texas Instruments TMS320VC5504 Datasheet HTML 79Page - Texas Instruments TMS320VC5504 Datasheet HTML 80Page - Texas Instruments TMS320VC5504 Datasheet HTML 81Page - Texas Instruments TMS320VC5504 Datasheet HTML 82Page - Texas Instruments TMS320VC5504 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
Table 6-10. External Memory Interface (EMIF) Peripheral Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
RANGE
1048h
EIMSR
EMIF Interrupt Mask Set Register
104Ch
EIMCR
EMIF Interrupt Mask Clear Register
1060h
NANDFCR
NAND Flash Control Register
1064h
NANDFSR1
NAND Flash Status Register 1
1065h
NANDFSR2
NAND Flash Status Register 2
1068h
PGMODECTRL1
Page Mode Control Register 1
1069h
PGMODECTRL2
Page Mode Control Register 2
1070h
NCS2ECC1
NAND Flash CS2 1-Bit ECC Register 1
1071h
NCS2ECC2
NAND Flash CS2 1-Bit ECC Register 2
1074h
NCS3ECC1
NAND Flash CS3 1-Bit ECC Register 1
1075h
NCS3ECC2
NAND Flash CS3 1-Bit ECC Register 2
1078h
NCS4ECC1
NAND Flash CS4 1-Bit ECC Register 1
1079h
NCS4ECC2
NAND Flash CS4 1-Bit ECC Register 2
107Ch
NCS5ECC1
NAND Flash CS5 1-Bit ECC Register 1
107Dh
NCS5ECC2
NAND Flash CS5 1-Bit ECC Register 2
10BCh
NAND4BITECCLOAD
NAND Flash 4-Bit ECC Load Register
10C0h
NAND4BITECC1
NAND Flash 4-Bit ECC Register 1
10C1h
NAND4BITECC2
NAND Flash 4-Bit ECC Register 2
10C4h
NAND4BITECC3
NAND Flash 4-Bit ECC Register 3
10C5h
NAND4BITECC4
NAND Flash 4-Bit ECC Register 4
10C8h
NAND4BITECC5
NAND Flash 4-Bit ECC Register 5
10C9h
NAND4BITECC6
NAND Flash 4-Bit ECC Register 6
10CCh
NAND4BITECC7
NAND Flash 4-Bit ECC Register 7
10CDh
NAND4BITECC8
NAND Flash 4-Bit ECC Register 8
10D0h
NANDERRADD1
NAND Flash 4-Bit ECC Error Address Register 1
10D1h
NANDERRADD2
NAND Flash 4-Bit ECC Error Address Register 2
10D4h
NANDERRADD3
NAND Flash 4-Bit ECC Error Address Register 3
10D5h
NANDERRADD4
NAND Flash 4-Bit ECC Error Address Register 4
10D8h
NANDERRVAL1
NAND Flash 4-Bit ECC Error Value Register 1
10D9h
NANDERRVAL2
NAND Flash 4-Bit ECC Error Value Register 2
10DCh
NANDERRVAL3
NAND Flash 4-Bit ECC Error Value Register 3
10DDh
NANDERRVAL4
NAND Flash 4-Bit ECC Error Value Register 4
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com