Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 68 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 68 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 64Page - Texas Instruments TMS320VC5504 Datasheet HTML 65Page - Texas Instruments TMS320VC5504 Datasheet HTML 66Page - Texas Instruments TMS320VC5504 Datasheet HTML 67Page - Texas Instruments TMS320VC5504 Datasheet HTML 68Page - Texas Instruments TMS320VC5504 Datasheet HTML 69Page - Texas Instruments TMS320VC5504 Datasheet HTML 70Page - Texas Instruments TMS320VC5504 Datasheet HTML 71Page - Texas Instruments TMS320VC5504 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 128 page
background image
(
)
C C
1 2
CL
C
C
1
2
=
+
6.5 Clock PLLs
6.5.1
PLL Device-Specific Information
6.5.2
Clock PLL Considerations With External Clock Sources
TMS320VC5504
Fixed-Point Digital Signal Processor
SPRS609A – JUNE 2009 – REVISED JULY 2009
www.ti.com
The crystal should be in fundamental-mode operation, and parallel resonant, with a maximum effective
series resistance (ESR) specified in Table 6-2. The load capacitors, C1 and C2 are the total capacitance
of the circuit board and components, excluding the IC and crystal. The load capacitor value is usually
approximately twice the value of the crystal's load capacitance, CL, which is specified in the crystal
manufacturer's datasheet and should be chosen such that the equation below is satisfied. All discrete
components used to implement the oscillator circuit should be placed as close as possible to the
associated oscillator pins (USB_MXI and USB_MXO) and to the USB_VSSOSC pin.
Table 6-2. Input Requirements for Crystal on the 12-MHz USB Oscillator
PARAMETER
MIN
NOM
MAX
UNIT
Start-up time (from power up until oscillating at stable frequency of
0.100
10
ms
12 MHz)(1)
Oscillation frequency
12
MHz
ESR
100
Ω
(2)Frequency stability
±100
ppm
Maximum shunt capacitance
5
pF
Maximum crystal drive
330
µW
(1)
The startup time is highly dependent on the ESR and the capacitive load of the crystal.
(2)
If the USB is used, a 12-MHz,
±100-ppm crystal is recommended.
The VC5504 DSP uses a software-programmable PLL to generate frequencies required by the CPU,
DMA, and peripherals. The reference clock for the PLL is taken from either the CLKIN pin or the RTC
on-chip oscillator (as specified through the CLK_SEL pin). The PLL is controlled through the system clock
generator which is discussed in further detail in the TMS320VC5505 DSP System User's Guide (literature
number SPRUFP0).
There is a minimum and maximum operating frequency for CLKIN, PLLOUT, and the system clock
(SYSCLK). The system clock generator must be configured not to exceed any of these constraints
documented in this section (certain combinations of external clock inputs, internal dividers, and PLL
multiply ratios might not be supported). For these constraints see and the Clock Generator (Figure 4) of
the TMS320VC5505 DSP System User's Guide (literature number SPRUFP0).
The PLL has a lock time requirements that must be followed. The PLL lock time is the amount of time
needed for the PLL to complete its phase-locking sequence.
For details on the PLL initialization software sequence, see the TMS320VC5505 DSP System User's
Guide (literature number SPRUFP0).
If the CLKIN pin is used to provide the reference clock to the PLL, to minimize the clock jitter a single
clean power supply should power both the VC5504 device and the external clock oscillator circuit. The
minimum CLKIN rise and fall times should also be observed. For the input clock timing requirements, see
Section 6.5.3, Clock PLL Electrical Data/Timing (Input and Output Clocks).
Rise/fall times, duty cycles (high/low pulse durations), and the load capacitance of the external clock
source must meet the device requirements in this data manual (see Section 5.3, Electrical Characteristics
Over Recommended Ranges of Supply Voltage and Operating Temperature, and Section 6.5.3, Clock
PLL Electrical Data/Timing (Input and Output Clocks).
Peripheral Information and Electrical Specifications
68
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com