Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 48 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 44Page - Texas Instruments TMS320VC5504 Datasheet HTML 45Page - Texas Instruments TMS320VC5504 Datasheet HTML 46Page - Texas Instruments TMS320VC5504 Datasheet HTML 47Page - Texas Instruments TMS320VC5504 Datasheet HTML 48Page - Texas Instruments TMS320VC5504 Datasheet HTML 49Page - Texas Instruments TMS320VC5504 Datasheet HTML 50Page - Texas Instruments TMS320VC5504 Datasheet HTML 51Page - Texas Instruments TMS320VC5504 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
SPRS609A – JUNE 2009 – REVISED JULY 2009
www.ti.com
• When CLK_SEL =1, the CLKIN frequency is expected to be 11.2896 MHz, 12.0 MHz, or 12.288 MHz.
• The on-chip Bootloader allows for DSP registers to be configured during the boot process. However,
this feature must not be used to change the output frequency of the system clock generator during the
boot process. Timer0 is also used by the bootloader to allow for 200 ms of BG_CAP settling time. The
bootloader register modification feature must not modify the Timer0 registers.
At hardware reset, all of the peripheral clocks are "off" to conserve power. After hardware reset, the DSP
boots via the bootloader code in ROM. During the boot process, the bootloader queries each peripheral to
determine if it can boot from that peripheral. At that time, the individual peripheral clocks will be enabled
for the query and then disabled again when the bootloader is finished with the peripheral. By the time the
bootloader releases control to the user code, all peripheral clocks will be "off" and all domains in the ICR,
except the CPU domain, will be idled.
48
Device Configuration
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com