| Electronic Components Datasheet Search |
|
TMS320VC5504 Datasheet(PDF) 88 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC5504 Datasheet(HTML) 88 Page - Texas Instruments |
|
88 / 128 page ![]() 6.10 Multimedia Card/Secure Digital (MMC/SD) 6.10.1 MMC/SD Peripheral Register Description(s) TMS320VC5504 Fixed-Point Digital Signal Processor SPRS609A – JUNE 2009 – REVISED JULY 2009 www.ti.com The VC5504 includes two MMC/SD controllers which are compliant with MMC V3.31, Secure Digital Part 1 Physical Layer Specification V2.0, and Secure Digital Input Output (SDIO) V3.3 specifications. The MMC/SD card controller supports these industry standards and assumes the reader is familiar with these standards. Each VC5504 MMC/SD Controller has the following features: • Multimedia Card/Secure Digital (MMC/SD) protocol support • Programmable clock frequency • 512 bit Read/Write FIFO to lower system overhead • Slave DMA transfer capability The MMC/SD card controller transfers data between the CPU and DMA controller on one side and MMC/SD card on the other side. The CPU and DMA controller can read/write the data in the card by accessing the registers in the MMC/SD controller. The MMC/SD controller on this device, does not support the SPI mode of operation. For more detailed information, see the TMS320VC5505 DSP Multimedia Card (MMC)/Secure Digital (SD) Card Controller User's Guide (literature number SPRUFO6). Table 6-15 shows the MMC/SD registers. The MMC/SD0 registers start at address 0x3A00. Peripheral Information and Electrical Specifications 88 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |