Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 91 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 91 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 87Page - Texas Instruments TMS320VC5504 Datasheet HTML 88Page - Texas Instruments TMS320VC5504 Datasheet HTML 89Page - Texas Instruments TMS320VC5504 Datasheet HTML 90Page - Texas Instruments TMS320VC5504 Datasheet HTML 91Page - Texas Instruments TMS320VC5504 Datasheet HTML 92Page - Texas Instruments TMS320VC5504 Datasheet HTML 93Page - Texas Instruments TMS320VC5504 Datasheet HTML 94Page - Texas Instruments TMS320VC5504 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 128 page
background image
6.10.2 MMC/SD Electrical Data/Timing
MMCx_CLK
MMCx_CMD
7
9
10
14
13
VALID
Start
D0
D1
Dx
End
7
MMCx_CLK
MMCx_Dx
9
10
4
3
3
4
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
Table 6-17. Timing Requirements for MMC/SD (see Figure 6-18 and Figure 6-21)
CVDD = 1.3 V
CVDD = 1.05 V
NO.
FAST MODE
STD MODE
UNIT
MIN
MAX
MIN
MAX
1
tsu(CMDV-CLKH)
Setup time, MMCx_CMD data input valid before MMCx_CLK high
3
3
ns
2
th(CLKH-CMDV)
Hold time, MMCx_CMD data input valid after MMCx_CLK high
3
3
ns
3
tsu(DATV-CLKH)
Setup time, MMC_Dx data input valid before MMCx_CLK high
3
3
ns
4
th(CLKH-DATV)
Hold time, MMC_Dx data input valid after MMCx_CLK high
3
3
ns
Table 6-18. Switching Characteristics Over Recommended Operating Conditions for MMC Output(1) (see
Figure 6-18 and Figure 6-21)
CVDD = 1.3 V
CVDD = 1.05 V
NO.
PARAMETER
FAST MODE
STD MODE
UNIT
MIN
MAX
MIN
MAX
7
f(CLK)
Operating frequency, MMCx_CLK
0
50(2)
0
25(2)
MHz
8
f(CLK_ID)
Identfication mode frequency, MMCx_CLK
0
400
0
400
kHz
9
tw(CLKL)
Pulse width, MMCx_CLK low
7
10
ns
10
tw(CLKH)
Pulse width, MMCx_CLK high
7
10
ns
11
tr(CLK)
Rise time, MMCx_CLK
3
10
ns
12
tf(CLK)
Fall time, MMCx_CLK
3
10
ns
13
td(MDCLKL-CMDIV)
Delay time, MMCx_CLK low to MMC_CMD data output invalid
-4
-4
ns
14
td(MDCLKL-CMDV)
Delay time, MMCx_CLK low to MMC_CMD data output valid
4
5
ns
15
td(MDCLKL-DATIV)
Delay time, MMCx_CLK low to MMC_Dx data output invalid
-4
-4
ns
16
td(MDCLKL-DATV)
Delay time, MMCx_CLK low to MMC_Dx data output valid
4
5
ns
(1)
For MMC/SD, the parametric values are measured at DVDDIO = 3.3 V or 2.75 V.
(2)
Use this value or SYS_CLK/2 whichever is smaller.
Figure 6-18. MMC/SD Host Command Write Timing
Figure 6-19. MMC/SD Card Response Timing
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com