Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 74 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 70Page - Texas Instruments TMS320VC5504 Datasheet HTML 71Page - Texas Instruments TMS320VC5504 Datasheet HTML 72Page - Texas Instruments TMS320VC5504 Datasheet HTML 73Page - Texas Instruments TMS320VC5504 Datasheet HTML 74Page - Texas Instruments TMS320VC5504 Datasheet HTML 75Page - Texas Instruments TMS320VC5504 Datasheet HTML 76Page - Texas Instruments TMS320VC5504 Datasheet HTML 77Page - Texas Instruments TMS320VC5504 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 128 page
background image
6.7.3
Reset Electrical Data/Timing
LOW Group
HIGHGroup
Z Group
RESET
SYNCH X
0
→
Group
SYNCH X
1
→
Group
SYNCH 0
1
→
Group
SYNCH 1
0
→
Group
64k + 8 clocks if CLK_SEL = 1,
32 + 8 clocks if CLK_SEL = 0
CLKOUT
POWERGOOD
(Internal)
POWERGOOD
(Internal)
and RESET
TMS320VC5504
Fixed-Point Digital Signal Processor
SPRS609A – JUNE 2009 – REVISED JULY 2009
www.ti.com
Table 6-5. Timing Requirements for Reset(1) (see Figure 6-9 and Figure 6-9)
CVDD = 1.05 V
CVDD = 1.3 V
NO.
UNIT
MIN
MAX
MIN
MAX
1
tw(RSTL)
Pulse duration, RESET low
3P
3P
ns
(1)
(1)P = 1/SYSCLK clock frequency in ns. For example, if SYSCLK = 12 MHz, use P = 83.3 ns. In IDLE3 mode the system clock
generator is bypassed and the SYSCLK frequency is equal to either CLKIN or the RTC clock frequency depending on CLK_SEL.
Figure 6-9. Power-On Reset Timing Requirements
Peripheral Information and Electrical Specifications
74
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com