Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 90 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 90 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 86Page - Texas Instruments TMS320VC5504 Datasheet HTML 87Page - Texas Instruments TMS320VC5504 Datasheet HTML 88Page - Texas Instruments TMS320VC5504 Datasheet HTML 89Page - Texas Instruments TMS320VC5504 Datasheet HTML 90Page - Texas Instruments TMS320VC5504 Datasheet HTML 91Page - Texas Instruments TMS320VC5504 Datasheet HTML 92Page - Texas Instruments TMS320VC5504 Datasheet HTML 93Page - Texas Instruments TMS320VC5504 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
SPRS609A – JUNE 2009 – REVISED JULY 2009
www.ti.com
Table 6-16. MMC/SD1 Registers(1)
HEX ADDRESS
ACRONYM
REGISTER NAME
RANGE
3B00h
MMCCTL
MMC Control Register
3B04h
MMCCLK
MMC Memory Clock Control Register
3B08h
MMCST0
MMC Status Register 0
3B0Ch
MMCST1
MMC Status Register 1
3B10h
MMCIM
MMC Interrupt Mask Register
3B14h
MMCTOR
MMC Response Time-Out Register
3B18h
MMCTOD
MMC Data Read Time-Out Register
3B1Ch
MMCBLEN
MMC Block Length Register
3B20h
MMCNBLK
MMC Number of Blocks Register
3B24h
MMCNBLC
MMC Number of Blocks Counter Register
3B28h
MMCDRR1
MMC Data Receive 1 Register
3B29h
MMCDRR2
MMC Data Receive 2 Register
3B2Ch
MMCDXR1
MMC Data Transmit 1 Register
3B2Dh
MMCDXR2
MMC Data Transmit 2 Register
3B30h
MMCCMD
MMC Command Register
3B34h
MMCARGHL
MMC Argument Register
3B38h
MMCRSP0
MMC Response Register 0
3B39h
MMCRSP1
MMC Response Register 1
3B3Ch
MMCRSP2
MMC Response Register 2
3B3Dh
MMCRSP3
MMC Response Register 3
3B40h
MMCRSP4
MMC Response Register 4
3B41h
MMCRSP5
MMC Response Register 5
3B44h
MMCRSP6
MMC Response Register 6
3B45h
MMCRSP7
MMC Response Register 7
3B48h
MMCDRSP
MMC Data Response Register
3B50h
MMCCIDX
MMC Command Index Register
3B74h
MMCFIFOCTL
MMC FIFO Control Register
(1)
For more information on MMC/SD1 and its registers, see the TMS320VC5505 DSP Multimedia Card (MMC)/Secure Digital (SD) User's
Guide (literature number SPRUFO6).
Peripheral Information and Electrical Specifications
90
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com