Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 42 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 38Page - Texas Instruments TMS320VC5504 Datasheet HTML 39Page - Texas Instruments TMS320VC5504 Datasheet HTML 40Page - Texas Instruments TMS320VC5504 Datasheet HTML 41Page - Texas Instruments TMS320VC5504 Datasheet HTML 42Page - Texas Instruments TMS320VC5504 Datasheet HTML 43Page - Texas Instruments TMS320VC5504 Datasheet HTML 44Page - Texas Instruments TMS320VC5504 Datasheet HTML 45Page - Texas Instruments TMS320VC5504 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
SPRS609A – JUNE 2009 – REVISED JULY 2009
www.ti.com
Processor (DSP) device. The multimedia card (MMC)/secure digital (SD) card is used in a
number of applications to provide removable data storage. The MMC/SD card controller
provides an interface to external MMC and SD cards.
SPRUF07
TMS320VC5505/5504 Digital Signal Processor (DSP) Real-Time Clock (RTC) User's
Guide. This document describes the operation of the Real-Time Clock (RTC) module in the
TMS320VC5505/5504 Digital Signal Processor (DSP) device. The RTC also has the
capability to wake-up the power management and apply power to the rest of the device
through an alarm, periodic interrupt, or external WAKEUP signal.
SPRUFO8
TMS320VC5505/5504 Digital Signal Processor (DSP) External Memory Interface (EMIF)
User's Guide. This document describes the operation of the external memory interface
(EMIF) in the TMS320VC5505/5504 Digital Signal Processor (DSP) device. The purpose of
the EMIF is to provide a means to connect to a variety of external devices.
SPRUFO9
TMS320VC5505/5504 Digital Signal Processor (DSP) Direct Memory Access (DMA)
Controller User's Guide. This document describes the features and operation of the DMA
controller that is available on the TMS320VC5505/5504 Digital Signal Processor (DSP)
device. The DMA controller is used to move data among internal memory, external memory,
and peripherals without intervention from the CPU and in the background of CPU operation.
SPRUGL6
TMS320VC5504 Digital Signal Processor (DSP) System User's Guide. This document
describes various aspects of the TMS320VC5505/5504 digital signal processor (DSP)
including: system memory, device clocking options and operation of the DSP clock
generator, power management features, interrupts, and system control.
SPRUFP4
TMS320VC5505/5504 Digital Signal Processor (DSP) Inter-IC Sound (I2S) Bus User's
Guide. This document describes the features and operation of Inter-IC Sound (I2S) Bus in
the TMS320VC5505/5504 Digital Signal Processor (DSP) device. This peripheral allows
serial transfer of full duplex streaming data, usually streaming audio, between DSP and an
external I2S peripheral device such as an audio codec.
Device Overview
42
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com