Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 41 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 37Page - Texas Instruments TMS320VC5504 Datasheet HTML 38Page - Texas Instruments TMS320VC5504 Datasheet HTML 39Page - Texas Instruments TMS320VC5504 Datasheet HTML 40Page - Texas Instruments TMS320VC5504 Datasheet HTML 41Page - Texas Instruments TMS320VC5504 Datasheet HTML 42Page - Texas Instruments TMS320VC5504 Datasheet HTML 43Page - Texas Instruments TMS320VC5504 Datasheet HTML 44Page - Texas Instruments TMS320VC5504 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 128 page
background image
3.7 Documentation Support
3.7.1
Related Documentation From Texas Instruments
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
The following documents describe the TMS320VC5504 DSP. Copies of these documents are available on
the Internet at www.ti.com. Tip: Enter the literature number in the search box provided at www.ti.com.
The current documentation that describes the VC5504 DSP, related peripherals, and other technical
collateral, is available in the C55x DSP product folder at: www.ti.com/c5000.
SWPU073
TMS320C55x 3.0 CPU Reference Guide. This manual describes the architecture, registers,
and operation of the fixed-point TMS320C55x digital signal processor (DSP) CPU.
SPRU652
TMS320C55x DSP CPU Programmer’s Reference Supplement. This document describes
functional exceptions to the CPU behavior.
SPRUFO0
TMS320VC5505/5504 Digital Signal Processor (DSP) Universal Serial Bus 2.0 (USB)
User's Guide. This document describes the universal serial bus 2.0 (USB) in the
TMS320VC5505/5504 Digital Signal Processor (DSP). The USB controller supports data
throughput rates up to 480 Mbps. It provides a mechanism for data transfer between USB
devices.
SPRUFO1
TMS320VC5505/5504 Digital Signal Processor (DSP) Inter-Integrated Circuit (I2C)
Peripheral User's Guide. This document describes the inter-integrated circuit (I2C)
peripheral in the TMS320VC5505/5504 Digital Signal Processor (DSP) device. The I2C
peripheral provides an interface between the device and other devices compliant with Phillips
Semiconductors Inter-IC bus (I2C-bus) specification version 2.1 and connected by way of an
I2C-bus. This document assumes the reader is familiar with the I2C-bus specification.
SPRUFO2
TMS320VC5505/5504 Digital Signal Processor (DSP) Timer/Watchdog Timer User's
Guide.
This
document
provides
an
overview
of
the
three
32-bit
timers
in
the
TMS320VC5505/5504 Digital Signal Processor (DSP) device. The 32-bit timers of the device
are software programmable timers that can be configured as general-purpose (GP) timers.
Timer 2 can be configured as a GP, a Watchdog (WD), or both simultaneously.
SPRUFO3
TMS320VC5505/5504 Digital Signal Processor (DSP) Serial Peripheral Interface (SPI)
User's Guide. This document describes the serial peripheral interface (SPI) in the
TMS320VC5505/5504 Digital Signal Processor (DSP) device. The SPI is a high-speed
synchronous serial input/output port that allows a serial bit stream of programmed length (1
to 32 bits) to be shifted into and out of the device at a programmed bit-transfer rate. The SPI
supports multi-chip operation of up to four SPI slave devices. The SPI can operate as a
master device only.
SPRUFO4
TMS320VC5505/5504 Digital Signal Processor (DSP) General-Purpose Input/Output
(GPIO) User's Guide. This document describes the general-purpose input/output (GPIO) on
the TMS320VC5505/5504 digital signal processor (DSP). The GPIO peripheral provides
dedicated general-purpose pins that can be configured as either inputs or outputs. When
configured as an input, you can detect the state of an internal register. When configured as
an output you can write to an internal register to control the state driven on the output pin.
SPRUFO5
TMS320VC5505/5504
Digital
Signal
Processor
(DSP)
Universal
Asynchronous
Receiver/Transmitter (UART) User's Guide. This document describes the universal
asynchronous receiver/transmitter (UART) peripheral in the TMS320VC5505/5504 Digital
Signal Processor (DSP) device. The UART performs serial-to-parallel conversions on data
received from a peripheral device and parallel-to-serial conversion on data received from the
CPU.
SPRUFO6
TMS320VC5505/5504 Digital Signal Processor (DSP) Multimedia Card (MMC)/Secure
Digital (SD) Card Controller User's Guide. This document describes the Multimedia Card
(MMC)/Secure Digital (SD) Card Controller on the TMS320VC5505/5504 Digital Signal
Submit Documentation Feedback
Device Overview
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com