Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 93 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 93 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 89Page - Texas Instruments TMS320VC5504 Datasheet HTML 90Page - Texas Instruments TMS320VC5504 Datasheet HTML 91Page - Texas Instruments TMS320VC5504 Datasheet HTML 92Page - Texas Instruments TMS320VC5504 Datasheet HTML 93Page - Texas Instruments TMS320VC5504 Datasheet HTML 94Page - Texas Instruments TMS320VC5504 Datasheet HTML 95Page - Texas Instruments TMS320VC5504 Datasheet HTML 96Page - Texas Instruments TMS320VC5504 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 128 page
background image
6.11 Real-Time Clock (RTC)
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
The VC5504 includes a Real-Time Clock (RTC) with its own separated power supply and isolation circuits.
The separate supply and isolation circuits allow the RTC to run while the rest of the VC5504 device (Core
and I/O) is powered off. All RTC registers are preserved (except for RTC Control and RTC Update
Registers) and the counter continues to operate when the device is powered off. The RTC also has the
capability to wakeup the device from idle states via alarms, periodic interrupts, or an external WAKEUP
input. Additionally, the RTC is able to output an alarm or periodic interrupt on the WAKEUP pin to cause
external power management to re-enable power to the DSP Core and I/O.
The VC5504 RTC provides the following features:
• 100-year calendar up to year 2099.
• Counts seconds, minutes, hours, day of the week, date, month, and year with leap year compensation
• Millisecond time correction
• Binary-coded-decimal (BCD) representation of time, calendar, and alarm
• 24-hour clock mode
• Second, minute, hour, day, or week alarm interrupt
• Periodic interrupt: every millisecond, second, minute, hour, or day
• Alarm interrupt: precise time of day
• Single interrupt to the DSP CPU
• 32.768-kHz crystal oscillator with frequency calibration
Control of the RTC is maintained through a set of I/O memory mapped registers (see Table 6-19). Note
that any write to these registers will be synchronized to the RTC 32.768-KHz clock; thus, the CPU must
run at least 3X faster than the RTC. Writes to these registers will not be evident until the next two
32.768-KHz clock cycles later. Furthermore, if the RTC Oscillator is disabled, no RTC register can be
written to.
The RTC has its own power-on-reset (POR) circuit which resets the registers in the RTC core domain
when power is first applied to the CVDD_RTC power pin. The RTC flops are not reset by the device'sRESET
pin nor the digital core's POR (powergood signal) which monitors the DSP_LDOO voltage.
The scratch registers in the RTC can be used to take advantage of this unique reset domain to keep track
of when the DSP boots and whether the RTC time registers have already been initialized to the current
clock time or whether the software needs to go into a routine to prompt the user to set the time/date.
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com