Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 13Page - Texas Instruments TMS320VC5504 Datasheet HTML 14Page - Texas Instruments TMS320VC5504 Datasheet HTML 15Page - Texas Instruments TMS320VC5504 Datasheet HTML 16Page - Texas Instruments TMS320VC5504 Datasheet HTML 17Page - Texas Instruments TMS320VC5504 Datasheet HTML 18Page - Texas Instruments TMS320VC5504 Datasheet HTML 19Page - Texas Instruments TMS320VC5504 Datasheet HTML 20Page - Texas Instruments TMS320VC5504 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 128 page
background image
3.3 Memory Map Summary
00010000h
64KMinus192Bytes
DARAM
(D)
00090000h
SARAM
64KBytes
External-CS2Space
(C)
02000000h
03000000h
04000000h
05000000h
050E0000h
128KBytes Asynchronous(ifMPNMC=1)
128KBytesROM(ifMPNMC=0)
External-CS3Space
(C)
External-CS4Space
(C)
External-CS5Space
(C)
BLOCKSIZE
DMA/USBBYTE
ADDRESS(A)
ROM
(ifMPNMC=0)
External-CS5
fMPNMC=1)
(C)
Space
(i
1MMinus128KBytes Asynchronous
1MBytes Asynchronous
2MBytes Asynchronous
4MBytes Asynchronous
MEMORY BLOCKS
000100C0h
MMR(Reserved)
(B)
01000000h
Reserved
8MMinus256KBytes
050FFFFFh
000000h
010000h
800000h
C00000h
E00000h
F00000h
FE0000h
CPUBYTE
ADDRESS(A)
0000C0h
050000h
FFFFFFh
192KBytes
Reserved
000C0000h
040000h
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
The VC5504 provides 16M bytes of total memory space composed of on-chip RAM, on-chip ROM, and
external memory space supporting a variety of memory types. The on-chip, dual-access RAM allows two
accesses to a given block during the same cycle. The VC5504 supports 8 blocks of 4K words of
dual-access RAM. The on-chip, single-access RAM allows one access to a given block per cycle. The
VC5504 supports 24 blocks of 4K words of single-access RAM.
The remainder of the memory map is divided into reserved areas, four external spaces, and on-chip ROM.
Each external space has a chip select decode signal (called CS[2:5]) that indicates an access to the
selected space. The external memory interface (EMIF) supports access to asynchronous memories such
as SRAM, NAND, or NOR.
The DSP memory is accessible by different master modules within the DSP, including the C55x CPU, the
four DMA controllers, and USB (see Figure 3-1).
A.
Address shown represents the first byte address in each block.
B.
The first 192 bytes are reserved for memory-mapped registers (MMRs).
C.
Out of the four DMA controllers, only DMA controller 3 has access to the external memory space.
D.
The USB controller does not have access to DARAM.
Figure 3-1. TMS320VC5504 Memory Map Summar
Submit Documentation Feedback
Device Overview
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com