Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 31 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 27Page - Texas Instruments TMS320VC5504 Datasheet HTML 28Page - Texas Instruments TMS320VC5504 Datasheet HTML 29Page - Texas Instruments TMS320VC5504 Datasheet HTML 30Page - Texas Instruments TMS320VC5504 Datasheet HTML 31Page - Texas Instruments TMS320VC5504 Datasheet HTML 32Page - Texas Instruments TMS320VC5504 Datasheet HTML 33Page - Texas Instruments TMS320VC5504 Datasheet HTML 34Page - Texas Instruments TMS320VC5504 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
Table 3-13. USB2.0 Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
Ground for reference current. This must be connected via a 10-k
Ω ±1% resistor to
see
USB_R1.
USB_VSSREF
G10
GND
Section 5.2,
When the USB peripheral is not used, the USB_VSSREF signal should be connected
ROC
directly to ground (Vss).
Analog 3.3 V power supply for USB PHY.
see
USB_VDDA3P3
H12
S
Section 5.2,
When the USB peripheral is not used, the USB_VDDA3P3 signal should be
ROC
connected to ground (VSS).
see
USB_VSSA3P3
H11
GND
Section 5.2,
Analog ground for USB PHY.
ROC
Analog 1.3 V power supply for USB PHY. [For high-speed sensitive analog circuits]
see
USB_VDDA1P3
H10
S
Section 5.2,
When the USB peripheral is not used, the USB_VDDA1P3 signal should be
ROC
connected to ground (VSS).
see
USB_VSSA1P3
H9
GND
Section 5.2,
Analog ground for USB PHY [For high speed sensitive analog circuits].
ROC
1.3-V digital core power supply for USB PHY.
see
USB_VDD1P3
J13
S
Section 5.2,
When the USB peripheral is not used, the USB_VDD1P3 signal should be connected
ROC
to ground (VSS).
see
USB_VSS1P3
H13
GND
Section 5.2,
Digital core ground for USB phy.
ROC
see
3.3 V USB Analog PLL power supply.
USB_VDDPLL
G8
S
Section 5.2,
When the USB peripheral is not used, the USB_VDDPLL signal should be connected
ROC
to ground (VSS).
see
USB_VSSPLL
G11
GND
Section 5.2,
USB Analog PLL ground.
ROC
Submit Documentation Feedback
Device Overview
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com