Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 43 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 39Page - Texas Instruments TMS320VC5504 Datasheet HTML 40Page - Texas Instruments TMS320VC5504 Datasheet HTML 41Page - Texas Instruments TMS320VC5504 Datasheet HTML 42Page - Texas Instruments TMS320VC5504 Datasheet HTML 43Page - Texas Instruments TMS320VC5504 Datasheet HTML 44Page - Texas Instruments TMS320VC5504 Datasheet HTML 45Page - Texas Instruments TMS320VC5504 Datasheet HTML 46Page - Texas Instruments TMS320VC5504 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 128 page
background image
4
Device Configuration
4.1 System Registers
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
The system registers are used to configure the device and monitor its status. Brief descriptions of the
various system registers are shown in Table 4-1. For more details on these registers and their bit field
descriptions, see the TMS320VC5505 DSP System User's Guide (literature number SPRUFP0).
Table 4-1. Idle Control, Status, and System Registers
CPU WORD
ACRONYM
COMMENTS
Register Description
ADDRESS
0001h
ICR
Idle Control Register
0002h
ISTR
Idle Status Register
1C00h
EBSR
see Section 4.6.1 of this
External Bus Selection Register
document.
1C02h
PCGCR1
Peripheral Clock Gating Control Register 1
1C03h
PCGCR2
Peripheral Clock Gating Control Register 2
1C04h
PSRCR
Peripheral Software Reset Counter Register
1C05h
PRCR
Peripheral Reset Control Register
1C14h
TIAFR
Timer Interrupt Aggregation Flag Register
1C16h
ODSCR
Output Drive Strength Control Register
1C17h
PDINHIBR1
Pull-Down Inhibit Register 1
1C18h
PDINHIBR2
Pull-Down Inhibit Register 2
1C19h
PDINHIBR3
Pull-Down Inhibit Register 3
1C1Ah
DMA0CESR1
DMA0 Channel Event Source Register 1
1C1Bh
DMA0CESR2
DMA0 Channel Event Source Register 2
1C1Ch
DMA1CESR1
DMA1 Channel Event Source Register 1
1C1Dh
DMA1CESR2
DMA1 Channel Event Source Register 2
1C26h
ECDR
EMIF Clock Divider Register
1C28h
RAMSLPMDCNTLR1
RAM Sleep Mode Control Register 1
1C2Eh
RAMSLPMDCNTLR2
RAM Sleep Mode Control Register 2
1C30h
DMAIFR
DMA Interrupt Flag Register
1C31h
DMAIER
DMA Interrupt Enable Register
1C32h
USBSCR
USB System Control Register
1C33h
ESCR
EMIF System Control Register
1C36h
DMA2CESR1
DMA2 Channel Event Source Register 1
1C37h
DMA2CESR2
DMA2 Channel Event Source Register 2
1C38h
DMA3CESR1
DMA3 Channel Event Source Register 1
1C39h
DMA3CESR2
DMA3 Channel Event Source Register 2
1C3Ah
CLKSTOP
Peripheral Clock Stop Request/Acknowledge Register
7004h
USBLDOCNTL
USB LDO Control Register
[Not Supported]
Submit Documentation Feedback
Device Configuration
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com