Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 37 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 33Page - Texas Instruments TMS320VC5504 Datasheet HTML 34Page - Texas Instruments TMS320VC5504 Datasheet HTML 35Page - Texas Instruments TMS320VC5504 Datasheet HTML 36Page - Texas Instruments TMS320VC5504 Datasheet HTML 37Page - Texas Instruments TMS320VC5504 Datasheet HTML 38Page - Texas Instruments TMS320VC5504 Datasheet HTML 39Page - Texas Instruments TMS320VC5504 Datasheet HTML 40Page - Texas Instruments TMS320VC5504 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
Table 3-18. Reserved and No Connects Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
Reserved
–
RSV0
C12
I
Reserved. For proper device operation, this pin must be tied directly to VSS.
ANA_LDOI
RSV1
J10
PWR
Reserved. For proper device operation, this pin must be tied directly to CVDD.
RSV2
J11
PWR
Reserved. For proper device operation, this pin must be tied directly to CVDD.
–
RSV3
D14
I
Reserved. For proper device operation, this pin must be tied directly to VSS.
ANA_LDOI
–
RSV4
C14
I
Reserved. For proper device operation, this pin must be tied directly to VSS.
ANA_LDOI
–
RSV5
C13
I
Reserved. For proper device operation, this pin must be tied directly to VSS.
ANA_LDOI
RSV6
D10
I/O
VDDA_ANA
Reserved. (Leave unconnected, do not connect to power or ground).
RSV7
A11
I/O
VDDA_ANA
Reserved. (Leave unconnected, do not connect to power or ground).
RSV8
B11
I/O
VDDA_ANA
Reserved. (Leave unconnected, do not connect to power or ground).
RSV9
C11
I/O
VDDA_ANA
Reseverd. (Leave unconnected, do not connect to power or ground).
RSV10
B3
O/Z
DVDDEMIF
Reserved. (Leave unconnected, do not connect to power or ground).
RSV11
A4
O/Z
DVDDEMIF
Reserved. (Leave unconnected, do not connect to power or ground).
RSV12
M3
O/Z
DVDDEMIF
Reserved. (Leave unconnected, do not connect to power or ground).
RSV13
N2
O/Z
DVDDEMIF
Reseverd. (Leave unconnected, do not connect to power or ground).
RSV14
A6
O/Z
DVDDEMIF
Reserved. (Leave unconnected, do not connect to power or ground).
RSV15
B4
O/Z
DVDDEMIF
Reseverd. (Leave unconnected, do not connect to power or ground).
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 4.8.1, Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Table 3-19. Supply Voltage Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
SUPPLY VOLTAGES
F6
H8
1.05-V Digital Core supply voltage (60 MHz)
CVDD
J6
PWR
1.3-V Digital Core supply voltage (100 MHz)
K10
L5
F7
K7
K12
DVDDIO
PWR
1.8-V, 2.5-V, 2.8-V, or 3.3-V I/O power supply for non-EMIF and non-RTC I/Os
N14
P3
P8
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 4.8.1, Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Submit Documentation Feedback
Device Overview
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com