Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 2Page - Texas Instruments TMS320VC5504 Datasheet HTML 3Page - Texas Instruments TMS320VC5504 Datasheet HTML 4Page - Texas Instruments TMS320VC5504 Datasheet HTML 5Page - Texas Instruments TMS320VC5504 Datasheet HTML 6Page - Texas Instruments TMS320VC5504 Datasheet HTML 7Page - Texas Instruments TMS320VC5504 Datasheet HTML 8Page - Texas Instruments TMS320VC5504 Datasheet HTML 9Page - Texas Instruments TMS320VC5504 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
SPRS609A – JUNE 2009 – REVISED JULY 2009
www.ti.com
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Table 3-11, Serial Peripheral Interface (SPI) Terminal Functions:
•
Deleted the IPD on the following signal names: SPI_TX [N6] and SPI_RX [P6]
•
Deleted "The IPD resistor on this pin ..." from the description column on the following signal names:
SPI_TX [N6] and SPI_RX [P6]
•
Deleted "For more detailed information ..." from the description column for the following signal names:
SPI_CS0 [P11], SPI_CLK [N10], SPI_TX [N6], SPI_TX [P12], SPI_RX [P6], and SPI_RX [N11]
Table 3-12, UART Terminal Functions:
•
Deleted "For more detailed information ..." from the description column for the following signal names:
UART_RXD, UART_TXD, UART_CTS, and UART_RTS
Table 3-13, USB2.0 Terminal Functions:
•
Updated/Changed the description column for the USB_R1 and USB_VSS_REF signal names
Table 3-14, MMC1/SD Terminal Functions:
•
Deleted "For more detailed information ..." from the description column for the following signal names:
MMC1_CLK, MMC1_CMD, and MMC1_D[3:0]
Table 3-15, MMC0/SD Terminal Functions:
•
Deleted "For more detailed information ..." from the description column for the following signal names:
MMC0_CLK, MMC0_CMD, and MMC0_D[3:0]
Table 3-16, GPIO Terminal Functions:
•
Updated/Changed the description column for the XF signal name
•
Deleted "For more detailed information ..." from the description column for the following signal names:
GP[0:31]
Table 3-17, Regulators and Power Management Terminal Functions:
•
Updated/Changed the description column for the following signal names: DSP_LDOO, ANA_LDOO,
ANA_LDI, and BG_CAP
Table 3-19, Supply Voltage Terminal Functions:
•
Updated/Changed the description column for the DVDDIO signal name
Table 3-20, Ground Terminal Functions:
•
Updated/Changed the description column for the VSSA_ANA signal names
Section 3.6
Section 3.6.1, Development Support:
Device Support
•
Updated/Changed the DSP/BIOS™ Version from "5.33.04 or later ..." to "5.32.03 or later ..."
Section 4
Section 4.2, Power Considerations:
Device Configuration
•
Updated/Changed the Analog and USB PHY bullets
Section 4.2
Section 4.2.1, LDO Configuration:
Power Considerations
•
Added "can be used to" to the "The VC5504 includes on ..." paragraph
Section 4.2.1.1, Analog LDO:
•
Updated/Changed paragraph
Section 4.3
•
Updated/Changed "The system clock, which is ..." paragraph
Clock Considerations
•
Updated/Changed "The RTC oscillator generates ..." paragraph
Section 4.3.1, Clock Configurations After Device Reset:
•
Added "While the bootloader tries to ..." sentence to end of paragraph
Section 4.4
•
Updated/Changed the Bootloader process steps
Boot Sequence
•
Updated/Changed Figure 4-1, Bootloader Software Architecture
Section 4.4.2
•
Deleted "Also, at the beginning of the boot process ..." paragraph
Boot Configuation
•
Added "At hardware reset, all ..." paragraph to the end of subsection
Section 4.5
Section 4.5.1, Device and Peripheral Configurations at Device Reset:
Configurations at Reset
•
Updated/Changed lead-in paragraph
•
Added "This device also has RESERVED ..." paragraph
Table 4-2, Default Functions Affected by Device Configuration Pins:
•
Deleted WAKEUP row
Section 4.6
Section 4.6, Configurations After Reset:
Configurations After Reset
•
Updated/Changed paragraph
Section 4.6.1, External Bus Selection Register (EBSR):
•
Updated/Changed the first paragraph
Revision History
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com