Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320VC5504 Datasheet HTML 1Page - Texas Instruments TMS320VC5504 Datasheet HTML 2Page - Texas Instruments TMS320VC5504 Datasheet HTML 3Page - Texas Instruments TMS320VC5504 Datasheet HTML 4Page - Texas Instruments TMS320VC5504 Datasheet HTML 5Page - Texas Instruments TMS320VC5504 Datasheet HTML 6Page - Texas Instruments TMS320VC5504 Datasheet HTML 7Page - Texas Instruments TMS320VC5504 Datasheet HTML 8Page - Texas Instruments TMS320VC5504 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 128 page
background image
2
Revision History
TMS320VC5504
Fixed-Point Digital Signal Processor
www.ti.com
SPRS609A – JUNE 2009 – REVISED JULY 2009
This data manual revision history highlights the technical changes made to the SPRS609* device-specific
data manual to make it an SPRS609A revision.
Scope:
Applicable
updates
to
the
TMS320C5000
device
family,
specifically
relating
to
the
TMS320VC5505 device (Silicon Revisions 1.4) which is now in the production data (PD) stage of
development have been incorporated.
Note: As TMS320VC550x related documentation is released, the ulink references will operate properly. If
the related docs are as yet not released, the ulink will appear to be broken.
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Global
Deleted TIMINT (Timer x Interrupt Register) [1816h, 1856h, and 1896h, respectively] row from the
General-Purpose Timers 0, 1, 2 Registers tables
Section 1.1
•
Updated/Changed the "... and Rest of I/O" to " ... and DVDDIO"
TMS320VC5504 Features
•
Added Low-Power to the S/W Programmable Phase-Locked Loop (PLL) Clock Generator bullet
Section 1.2
•
Updated/Changed "The TMS320VC5504 fixed-point DSP is based on the ..." paragraph
Description
Section 3.1
Table 3-1, Characteristics of the VC5504 Processor:
Device Characteristics
•
Updated/Changed the Organization description
•
Added the Power Characterization rows and supportive data
Section 3.2
Updated/Changed "The TMS320VC5504 fixed-point digital signal processor (DSP) is based on ..." paragraph
C55x CPU
Section 3.2.1
Table 3-2, DARAM Blocks:
On-Chip Dual-Access RAM
•
Moved associated footnote reference to DARAM0
(DARAM)
•
Added missing footnote reference
Section 3.2.5
•
Added "I/O space is separate ..." sentence to first paragraph
I/O Memory
•
Updated/Changed the "Some DMA controllers have access ..." paragraph
Section 3.3
•
Updated/Changed "The remainder of the memory map is ..." paragraph
Memory Map Summary
Section 3.5
•
Updated/Changed the "For proper device operation, external ..." paragraph
Terminal Functions
Table 3-5, Oscillator/PLL Terminal Functions:
•
Updated/Changed the description column for the following signal names: CLKOUT, CLKIN, VDDA_PLL, and
VSSA_PLL
Table 3-6, RTC Terminal Functions:
•
Updated/Changed the RTC_CLKOUT description
•
Updated/Changed the WAKEUP description
Table 3-7, Reset, Interupts, and JTAG Terminal Functions:
•
Added a reference for "XDS560 Emulator Technical Reference (literature number: SPRU589)"
•
Updated/Changed the description column for the following signal names: XF, RESET, TMS, TDO, TDI,
TCK, TRST, EMU1, EMU0, INT1, and INT0
Section 3.5
External Memory Interface (EMIF) Terminal Functions:
Terminal Functions
•
Added reference to the TMS320VC5505/5504 DSP External Memory Interface User's Guide (literature
number: SPRUFO8)
•
Added EBSR reference to the EM_A[20:15]/GP[26:21] description
•
Updated/Changed EM_A[20:15]/GP[26:21] description
•
Deleted "EMIF FUNCTIONAL PINS: ASYNC DEVICE ONLY" title header
Table 3-9, Inter-Integrated Circuit (I2C) Terminal Functions:
•
Added "Per the I2C standard, an external pullup is required on this pin." to both the SCL and SDA signal
name descriptions.
Table 3-10, Inter-IC Sound (I2S0 – I2S3) Terminal Functions:
•
Updated/Changed the description column for the following signal names: I2S0_CLK [L10], I2S0_FS
[M11], I2S1_CLK [M13], I2S1_FS [L14], I2S2_CLK [N10], I2S2_FS [P11], I2S3_CLK [N12], and I2S3_FS
[P13]
Submit Documentation Feedback
Revision History
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com