Electronic Components Datasheet Search
  English  ▼

X  

ST7567 Datasheet(PDF) 26 Page - Sitronix Technology Co., Ltd.

Part # ST7567
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7567 Datasheet(HTML) 26 Page - Sitronix Technology Co., Ltd.

Back Button ST7567 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
ST7567
Ver 1.4b
26/49
2009/02/04
COM Direction
This instruction controls the common output status which changes the vertical display direction. The detailed information
can be found in Fig 9.
A0
R/W(RWR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
0
0
MY
-
-
-
Flag
Description
MY
MY=0: Normal direction (COM0->COM63)
MY=1: Reverse direction (COM63->COM0)
Power Control
This instruction controls the built-in power circuits. Typically, these 3 flags are turned ON at the same time.
A0
R/W(RWR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
0
1
VB
VR
VF
Flag
Description
VB
VB=0: Built-in Booster OFF
VB=1: Built-in Booster ON
VR
VR=0: Built-in Regulator OFF
VR=1: Built-in Regulator ON
VF
VF=0: Built-in Follower OFF
VF=1: Built-in Follower ON
Regulation Ratio
This instruction controls the regulation ratio of the built-in regulator.
A0
R/W(RWR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
0
0
RR2
RR1
RR0
RR2
RR1
RR0
Regulation Ratio (RR)
0
0
0
3.0
0
0
1
3.5
0
1
0
4.0
0
1
1
4.5
1
0
0
5.0
1
0
1
5.5
1
1
0
6.0
1
1
1
6.5
The operation voltage (V0) calculation formula is shown below: (RR comes from Regulation Ratio, EV comes from EV[5:0])
V0 = RR X [ 1 – (63 – EV) / 162 ] X 2.1, or V0 = RR X [ ( 99 + EV ) / 162 ] X 2.1
SYMBOL
REGISTER
VALUE
RR
RR[2:0]
3, 3.5, 4, 4.5, 5, 5.5, 6 and 6.5
EV
EV[5:0]
0~63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com