Electronic Components Datasheet Search
  English  ▼

X  

ST7567 Datasheet(PDF) 16 Page - Sitronix Technology Co., Ltd.

Part # ST7567
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7567 Datasheet(HTML) 16 Page - Sitronix Technology Co., Ltd.

Back Button ST7567 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
ST7567
Ver 1.4b
16/49
2009/02/04
Addressing
Data is downloaded into the Display Data RAM matrix in ST7567 as byte-format. The Display Data RAM has a matrix of 65
by 132 bits. The address ranges are: X=0~131 (column address), Y=0~8 (page address). Addresses outside these ranges
are not allowed.
Page Address Circuit
This circuit provides the page address of DDRAM. It incorporates 4-bit Page Address Register which can be modified by
the “Page Address Set” instruction only. The Page Address must be set before accessing DDRAM content. Page Address
“8” is a special RAM area for the icons with only one valid bit: D0.
Column Address Circuit
The column address of DDRAM is specified by the Column Address Set command. The column address is increased (+1)
after each display data access (read/write). This allows MPU accessing DDRAM content continuously. This feature stops at
the end of each page (Column Address “83h”) because the Column Address and Page Address circuits are independent.
For example, both Page Address and Column Address should be assigned for changing the DDRAM pointer from
(Page-0, Column-83h) to (Page-1, Column-0).
Furthermore, Register MX and MY makes it possible to invert the relationship between the DDRAM and the outputs
(COM/SEG). It is necessary to rewrite the display data into DDRAM after changing MX setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com