Electronic Components Datasheet Search
  English  ▼

X  

ST7567 Datasheet(PDF) 34 Page - Sitronix Technology Co., Ltd.

Part # ST7567
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7567 Datasheet(HTML) 34 Page - Sitronix Technology Co., Ltd.

Back Button ST7567 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
ST7567
Ver 1.4b
34/49
2009/02/04
12. HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices.
13. DC CHARACTERISTICS
VSS=0V; Tamb = -30
°C to +85°C; unless otherwise specified.
Rating
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable
Pin
Operating Voltage (1)
VDD1
1.7
—
3.3
V
VDD1
Operating Voltage (2)
VDD2
2.4
—
3.3
V
VDD2
Operating Voltage (3)
VDD3
2.4
—
3.3
V
VDD3
Input High-level Voltage
VIHC
0.7 x VDD1
—
VDD1
V
MPU
Interface
Input Low-level Voltage
VILC
VSS1
—
0.3 x VDD1
V
MPU
Interface
Output High-level Voltage
VOHC
IOUT=1mA, VDD1=1.8V
0.8 x VDD1
—
VDD1
V
D[7:0]
Output Low-level Voltage
VOLC
IOUT=-1mA, VDD1=1.8V
VSS1
—
0.2 x VDD1
V
D[7:0]
Input Leakage Current
ILI
-1.0
—
1.0
µA
MPU
Interface
Output Leakage Current
ILO
-3.0
—
3.0
µA
MPU
Interface
Vop=8.5V,
ΔV=0.85V
—
0.6
0.8
K
COMx
Liquid Crystal Driver ON
Resistance
RON
Ta=25
°C
VG=1.9V,
ΔV=0.19V
—
1.3
1.5
K
SEGx
Frame Frequency
FR
Duty=1/65, Vop=8.5V
Ta = 25°C
70
75
80
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com