Electronic Components Datasheet Search
  English  ▼

X  

ST7567 Datasheet(PDF) 9 Page - Sitronix Technology Co., Ltd.

Part # ST7567
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7567 Datasheet(HTML) 9 Page - Sitronix Technology Co., Ltd.

Back Button ST7567 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
ST7567
Ver 1.4b
9/49
2009/02/04
Pin Name
Type
Description
No. of Pins
ERD
I
Read/Write execution control pin. When PSB is “H”,
C86
MPU Type
ERD
Description
H
6800
series
E
Read/Write control input pin.
R/W=”H“: When E is “H”, D[7:0] are in output
mode.
R/W=”L“: Signals on D[7:0] are latched at the
falling edge of E signal.
L
8080
series
/RD
Read enable input pin.
When /RD is “L”, D[7:0] are in output mode.
ERD is not used in serial interface and should fix to “H” by VDD1 or VDDH.
1
I/O
When using 8-bit parallel interface: (6800 or 8080 mode)
8-bit bi-directional data bus. Connect to the data bus of 8-bit microprocessor.
When CSB is non-active (CSB=“H”), D[7:0] pins are high impedance.
D[7:0]
I
When using serial interface: 4-LINE
D7=SDA : Serial data input.
D6=SCL : Serial clock input.
D[5:0] are not used and should connect to “H” by VDD1 or VDDH.
When CSB is non-active (CSB=“H”), D[7:0] pins are high impedance.
8
Note:
1.
After VDD1 is turned ON, any MPU interface pins cannot be left floating.
Configuration Pins
Pin Name
Type
Description
No. of Pins
VDDH
I
Logic “1” level for option pins which should connected to “H”.
2
VSSL
I
Logic “0” level for option pins which should connected to “L”.
2
PSB
I
PSB selects the interface type: Serial or Parallel.
1
C86
I
C86 selects the microprocessor type in parallel interface mode.
PSB
C86
Selected Interface
“H”
“H”
Parallel 6800 Series MPU Interface
“H”
“L”
Parallel 8080 Series MPU Interface
“L”
“X”
Serial 4-Line SPI Interface
Please refer to “APPLICATION NOTES” and “Microprocessor Interface”
(Section 6) for detailed connection of the selected interface.
1
SEL[2:1]
I
These pins select the display duty and bias of ST7567.
SEL2
SEL1
Duty
Bias
“L”
“L”
1/65
1/9 or 1/7
“L”
“H”
1/49
1/8 or 1/6
“H”
“L”
1/33
1/6 or 1/5
“H”
“H”
1/55
1/8 or 1/6
Note:
1.
The detailed definition of output pin name can be found in Fig 9.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com