Electronic Components Datasheet Search
  English  ▼

X  

ST7567 Datasheet(PDF) 19 Page - Sitronix Technology Co., Ltd.

Part # ST7567
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7567 Datasheet(HTML) 19 Page - Sitronix Technology Co., Ltd.

Back Button ST7567 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
ST7567
Ver 1.4b
19/49
2009/02/04
Display Data Latch Circuit
The display data latch circuit latches temporarily display data of each segment output which will be output at the next clock.
The special functions such as reverse display, display OFF and display all points ON only change the data in the latch and
the content in the Display Data RAM is not changed.
Oscillation Circuit
The built-in oscillation circuit generates the system clock for the liquid crystal driving circuit. The oscillation circuit is enabled
after initializing ST7567. The clock will not be output to reduce the power consumption.
Liquid Crystal Driver Power Circuit
The built-in power circuits generate the voltage levels which are necessary to drive the liquid crystal. It consumes low power
with the fewest external components. The built-in power system has voltage booster, voltage regulator and voltage follower
circuits. Before power ST7567 OFF, a Power OFF procedure is needed (please refer to the OPERATION FLOW section).
External Components of Power Circuit
The recommended external power components need only 2 capacitors. The detailed values of these two capacitors are
determined by the panel size and loading.
VG
Grnerator
V0
Generator
XV0
Generator
V0
VG
XV0
IC Internal
IC External
VSS2
VDD2
C1
C2
C1: 0.1uF~1.0uF
(Non-Polar/6V)
C2: 0.1uF~1.0uF
(Non-Polar/16V)
R1: Reserved
(Default NC)
R1
VSS2
Fig 11.
Power Circuit
Regulator Circuit
The built-in high accuracy regulation circuit has 8 regulation ratios and each one has 64 EV-levels for voltage adjustment.
Without additional external component, the output voltage can be changed by instructions such as “Regulation Ratio” and
“Set EV”. The detailed setting method can be found in the INSTRUCTION DESCRIPTION section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com