Electronic Components Datasheet Search
  English  ▼

X  

ST7567 Datasheet(PDF) 23 Page - Sitronix Technology Co., Ltd.

Part # ST7567
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7567 Datasheet(HTML) 23 Page - Sitronix Technology Co., Ltd.

Back Button ST7567 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
ST7567
Ver 1.4b
23/49
2009/02/04
Set Column Address
The range of column address is 0…131. The parameter is separated into 2 instructions. The column address is increased
(+1) after each byte of display data access (read/write). This allows MPU accessing DDRAM content continuously. This
feature stops at the end of each page (Column Address “83h”).
A0
R/W(RWR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
1
X7
X6
X5
X4
A0
R/W(RWR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
X3
X2
X1
X0
X7
X6
X5
X4
X3
X2
X1
X0
Column address
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
0
0
0
0
0
1
0
2
0
0
0
0
0
0
1
1
3
:
:
:
:
:
:
:
:
:
1
0
0
0
0
0
0
1
129
1
0
0
0
0
0
1
0
120
1
0
0
0
0
0
1
1
131
Read Status
Read the internal status of ST7567. The read function is not available in serial interface mode.
A0
R/W(RWR)
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
MX
D
RST
0
0
0
0
Flag
Description
MX
MX=0: Normal direction (SEG0->SEG131)
MX=1: Reverse direction (SEG131->SEG0)
D
D=0: Display ON
D=1: Display OFF
RST
RST=1: During reset (hardware or software reset)
RST=0: Normal operation
Write Data
8-bit data of Display Data from the microprocessor can be written to the RAM location specified by the column address and
page address. The column address is increased by 1 automatically so that the microprocessor can continuously write data
to the addressed page. During auto-increment, the column address wraps to 0 after the last column is written.
A0
R/W(RWR)
D7
D6
D5
D4
D3
D2
D1
D0
1
0
Write Data
Read Data
8-bit data of Display Data from the RAM location specified by the column address and page address can be read to the
microprocessor. The read function is not available in serial interface mode.
A0
R/W(RWR)
D7
D6
D5
D4
D3
D2
D1
D0
1
1
Read Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com