Electronic Components Datasheet Search
  English  ▼

X  

ST7567 Datasheet(PDF) 13 Page - Sitronix Technology Co., Ltd.

Part # ST7567
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7567 Datasheet(HTML) 13 Page - Sitronix Technology Co., Ltd.

Back Button ST7567 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
ST7567
Ver 1.4b
13/49
2009/02/04
4-line SPI interface (PSB=“L”, C86=“H” or “L”)
When ST7567 is active (CSB=“L”), serial data (SDA) and serial clock (SCLK) inputs are enabled. When ST7567 is not
active (CSB=“H”), the internal 8-bit shift register and 3-bit counter are reset. Serial data on SDA is latched at the rising edge
of serial clock on SCLK. After the 8
th serial clock, the serial data will be processed to be 8-bit parallel data. The address
selection pin (A0), which is latched at the 8
th clock, indicates the 8-bit parallel data is display data or instruction. The 8-bit
parallel data will be display data when A0 is “H” and will be instruction when A0 is “L”. The read feature is not available in
this mode. The DDRAM column address pointer will be increased by one automatically after each byte of DDRAM access.
Please note that the SCLK signal quality is very important and external noise maybe causes unexpected data/instruction
latch.
Fig 4.
4-Line SPI Access
Note:
Some MPU will set the interface to be Hi-Z (high impedance) mode when power saving mode or after hardware reset.
This is not allowed when the VDD1of ST7567 is turned ON. Because the floating input (especially for those control
pins such as CSB, RSTB, RWR or ERD…) maybe cause abnormal latch and cause abnormal display.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com