Electronic Components Datasheet Search
  English  ▼

X  

ST7567 Datasheet(PDF) 38 Page - Sitronix Technology Co., Ltd.

Part # ST7567
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7567 Datasheet(HTML) 38 Page - Sitronix Technology Co., Ltd.

Back Button ST7567 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
ST7567
Ver 1.4b
38/49
2009/02/04
System Bus Timing for 8080 Series MPU
(VDD1 = 3.3V , Ta =25
°C)
Item
Signal
Symbol
Condition
Min.
Max.
Unit
Address setup time
tAW8
0
—
Address hold time
A0
tAH8
10
—
System cycle time
tCYC8
240
—
/WR L pulse width (WRITE)
tCCLW
80
—
/WR H pulse width (WRITE)
/WR
tCCHW
80
—
/RD L pulse width (READ)
tCCLR
140
—
/RD H pulse width (READ)
RD
tCCHR
80
WRITE Data setup time
tDS8
40
—
WRITE Data hold time
tDH8
20
—
READ access time
tACC8
CL = 16 pF
—
70
READ Output disable time
D[7:0]
tOH8
CL = 16 pF
5
50
ns
(VDD1 = 2.8V , Ta =25
°C)
Item
Signal
Symbol
Condition
Min.
Max.
Unit
Address setup time
tAW8
0
—
Address hold time
A0
tAH8
0
—
System cycle time
tCYC8
400
—
/WR L pulse width (WRITE)
tCCLW
220
—
/WR H pulse width (WRITE)
/WR
tCCHW
180
—
/RD L pulse width (READ)
tCCLR
220
—
/RD H pulse width (READ)
RD
tCCHR
180
—
WRITE Data setup time
tDS8
40
—
WRITE Data hold time
tDH8
20
—
READ access time
tACC8
CL = 16 pF
—
140
READ Output disable time
D[7:0]
tOH8
CL = 16 pF
10
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com