Electronic Components Datasheet Search
  English  ▼

X  

ST7567 Datasheet(PDF) 25 Page - Sitronix Technology Co., Ltd.

Part # ST7567
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7567 Datasheet(HTML) 25 Page - Sitronix Technology Co., Ltd.

Back Button ST7567 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
ST7567
Ver 1.4b
25/49
2009/02/04
Read-modify-Write
This command is used paired with the “END” instruction. Once this command has been input, the display data read
operation will not change the column address, but only the display data write operation will increase the column address
(X[7:0]+1). This mode is maintained until the END command is input. This function makes it possible to reduce the load on
the MPU when there are repeating data changes in a specified display region, such as a blanking cursor.
A0
R/W(RWR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
1
0
0
0
0
0
In Read-modify-Write mode, other instructions aside from display data read/write commands can also be used.
Yes
No
Read-Modify-Write
Done
Page Address Set
Column Address Set
Finished?
Dummy Read
Read-Modify-Write Cycle
Data Read
Modify Data
Data Write (at same Address)
END
When the END command is input, the Read-modify-Write mode is released and the column address returns to the address
it was when the Read-modify-Write instruction was entered.
A0
R/W(RWR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
1
0
1
1
1
0
RESET
This instruction resets Start Line (S[5:0]), Column Address (X[7:0]), Page Address (Y[3:0]) and COM Direction (MY) to their
default setting. Please note this instruction is not complete same as hardware reset (RSTB=L) and cannot initialize the
built-in power circuit which is initialized by the RSTB pin. The detailed information is in “Section RESET CIRCUIT”.
A0
R/W(RWR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
1
0
0
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com