Electronic Components Datasheet Search
  English  ▼

X  

ST7567 Datasheet(PDF) 8 Page - Sitronix Technology Co., Ltd.

Part # ST7567
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7567 Datasheet(HTML) 8 Page - Sitronix Technology Co., Ltd.

Back Button ST7567 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
ST7567
Ver 1.4b
8/49
2009/02/04
5. PIN DESCRIPTION
LCD Driver Output Pins
Pin Name
Type
Description
No. of Pins
SEG0 to SEG131
O
LCD segment driver outputs.
The display data and the frame control the output voltage.
Segment Driver Output Voltage
Display data
Frame
Normal Display
Inverse Display
H
+
VG
VSS
H
-
VSS
VG
L
+
VSS
VG
L
-
VG
VSS
Display OFF, Power Save
VSS
VSS
132
COM0 to COM63
O
LCD common driver outputs.
The internal scanning signal and the frame control the output voltage.
Common Driver Output Voltage
Scan signal
Frame
Normal Display
Inverse Display
H
+
XV0
H
-
V0
L
+
VM
L
-
VM
Display OFF, Power Save
VSS
64
COMS1, COMS2
(COMS)
O
LCD common driver outputs for icons.
The output signals of these two pins are the same.
When icon feature is not used, these pins should be left open.
2
Microprocessor Interface Pins
Pin Name
Type
Description
No. of Pins
RSTB
I
Hardware reset input pin. When RSTB is “L”, internal initialization is executed
and the internal registers will be initialized.
1
CSB
I
Chip select input pin. Interface access is enabled when CSB is “L”.
When CSB is non-active (CSB=“H”), D[7:0] pins are high impedance.
1
A0
I
It determines whether the access is related to data or command.
A0=“H” : Indicates that signals on D[7:0] are display data.
A0=“L” : Indicates that signals on D[7:0] are command.
1
RWR
I
Read/Write execution control pin. When PSB is “H”,
C86
MPU Type
RWR
Description
H
6800
series
R/W
Read/Write control input pin.
R/W=“H”: read.
R/W=“L”: write.
L
8080
series
/WR
Write enable input pin.
Signals on D[7:0] will be latched at the rising
edge of /WR signal.
RWR is not used in serial interface and should fix to “H” by VDD1 or VDDH.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com