Electronic Components Datasheet Search
  English  ▼

X  

ST7567 Datasheet(PDF) 29 Page - Sitronix Technology Co., Ltd.

Part # ST7567
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7567 Datasheet(HTML) 29 Page - Sitronix Technology Co., Ltd.

Back Button ST7567 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
ST7567
Ver 1.4b
29/49
2009/02/04
10. OPERATION FLOW
This section introduces some reference operation flows.
Power ON
R
R
R e
ee fffe
ee r
rr e
ee n
n
n t
tt iiia
aa lll O
O
O p
p
p e
ee r
rr a
aa tttiiio
o
o n
n
n F
F
F lllo
o
o w
w
w
O
O
O p
p
p e
ee r
rr a
aa tttiiio
o
o n
n
n S
S
S e
ee q
q
q u
u
u e
ee n
n
n c
cce
ee
Power ON
Wait power stable, t>1ms
(depends on system power)
Keep RSTB=L …*1
Wait reset start, t>5us
Set RSTB=H …*1
Wait reset finished, t>5us
Function Set (by user)
(11) Bias Select
(8) SEG Direction
(15) COM Direction
[ Display ON ]
Normal Operating
Function Set (by user)
(16) Power Control
Function Set (by user)
(17) Regulation Ratio
(18) Set EV
Initialize DDRAM (Page 0~8)
Default State ……*2
Arrange to execute all these
procedures from releasing
the reset state to setting the
Power Control within 5ms.
In case of other models,
execute these procedures
from turning ON the power
to setting the Power Control
in 5ms.
……*3
Case 1: RSTB=L while Power ON
Case 2: RSTB=H while Power ON
t
ON-RST
t
ON-V2
RSTB
VDDI
(VDD1)
VDDA
(VDD2,VDD3)
t
RW
VIL
VDD1 * 50%
VDD2 * 90%
VDD2 * 50%
VDD1 * 90%
Note: The detailed description can be found in the respective sections listed below.
1.
Please refer to the timing specification of tRW and tR.
2.
Refer to Section RESET CIRCUIT.
3.
The 5ms requirement depends on the characteristics of LCD panel and the external component of the power circuit. It
is recommended to check with the real products with external component.
4.
The detailed instruction functionality is described in Section 9. INSTRUCTION DESCRIPTION;
5.
Power stable is defined as the time that the later power (VDDI or VDDA) reaches 90% of its rated voltage.
Timing Requirement:
Item
Symbol
Requirement
Note
VDDA power delay
tON-V2
0
≤ tON-V2
Applying VDDI and VDDA in any order will not damage IC.
RSTB input time
tON-RST
No Limitation
If RSTB is Low, High or unstable during power ON, a
successful hardware reset by RSTB is required after VDDI is
stable.
RSTB=L can be input at any time after power is stable.
tRW & tR should match the timing specification of RSTB.
To prevent abnormal display, the recommended timing is:
0
≤ tON-RST ≤ 30 ms.
The requirement listed here is to prevent abnormal display on LCD module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com