Electronic Components Datasheet Search
  English  ▼

X  

ST7567 Datasheet(PDF) 20 Page - Sitronix Technology Co., Ltd.

Part # ST7567
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7567 Datasheet(HTML) 20 Page - Sitronix Technology Co., Ltd.

Back Button ST7567 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
ST7567
Ver 1.4b
20/49
2009/02/04
RESET CIRCUIT
Setting RSTB to “L” can initialize internal function. While RSTB is “L”, no instruction except read status can be accepted.
RSTB pin must connect to the reset pin of MPU and initialization by RSTB pin is essential before operating. Please note the
hardware reset is not same as the software reset. When RSTB becomes “L”, the hardware reset procedure will start. When
RESET instruction is executed, the software reset procedure will start. The procedure is listed below:
Procedure
Hardware Reset
Software Reset
Display OFF: D=0, all SEGs/COMs output at VSS
V
X
Normal Display: INV=0, AP=0
V
X
SEG Normal Direction: MX=0
V
X
Clear Serial Counter and Shift Register (if using Serial Interface)
V
X
Bias Selection: BS=0
V
X
Booster Level BL=0
V
X
Exit Power Saving Mode
V
X
Power Control OFF: VB=0, VR=0, VF=0
V
X
Exit Read-modify-Write mode
V
V
Start Line S[5:0]=0
V
V
Column Address X[7:0]=0
V
V
Page Address Y[3:0]=0
V
V
COM Normal Direction: MY=0
V
V
V0 Regulation Ratio RR[2:0]=(1,0,0)
V
V
EV[5:0]=(1,0,0,0,0,0)
V
V
Exit Test Mode
V
V
After power-on, RAM data are undefined and the display status is “Display OFF”. It’s better to initialize whole DDRAM (ex:
fill all 00h or write the display pattern) before turning the Display ON. Besides, the power is not stable at the time that the
power is just turned ON. A hardware reset is needed to initialize those internal registers after the power is stable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com