Electronic Components Datasheet Search
  English  ▼

X  

ST7567 Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST7567
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7567 Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7567 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Sitronix
ST7567
65 x 132 Dot Matrix LCD Controller/Driver
Ver 1.4b
1/49
2009/02/04
1. INTRODUCTION
ST7567 is a single-chip dot matrix LCD driver which incorporates LCD controller and common/segment drivers. ST7567
can be connected directly to a microprocessor with 8-bit parallel interface or 4-line serial interface (SPI-4). Display data sent
from MPU is stored in the internal Display Data RAM (DDRAM) of 65x132 bits. The display data bits which are stored in
DDRAM are directly related to the pixels of LCD panel. ST7567 contains 132 segment-outputs, 64 common-outputs and 1
icon-common-output. With built-in oscillation circuit and low power consumption power circuit, ST7567 generates LCD
driving signal without external clock or power, so that it is possible to make a display system with the fewest components
and minimal power consumption.
2. FEATURES
Single-chip LCD Controller & Driver
On-chip Display Data RAM (DDRAM)
Capacity: 65x132=8580 bits
Directly display RAM pattern from DDRAM
Selectable Display Duty (by SEL2 & SEL1)
1/65 duty : 65 common x 132 segment
1/55 duty : 55 common x 132 segment
1/49 duty : 49 common x 132 segment
1/33 duty : 33 common x 132 segment
Microprocessor Interface
Bidirectional 8-bit parallel interface supports:
8080-series and 6800-series MPU
Serial interface (SPI-4) is also supported (write only)
Abundant Functions
Display ON/OFF, Normal/Reverse Display Mode, Set
Display Start Line, Read IC Status, Set all Display
Points ON, Set LCD Bias, Electronic Volume Control,
Read-modify-Write, Select Segment Driver Direction,
Power Saving Mode, Select Common Driver Direction,
Select Voltage Regulator Resistor Ratio (for V0).
External Hardware Reset Pin (RSTB)
Built-in Oscillation Circuit
No external component required
Low Power Consumption Analog Circuit
Voltage Booster (4X, 5X)
High-accuracy Voltage Regulator for LCD Vop:
(Thermal Gradient: -0.05%/°C)
Voltage Follower for LCD Bias Voltage
Wide Operation Voltage Range
VDD1-VSS1=1.8V~3.3V
VDD2-VSS2=2.4V~3.3V
VDD3-VSS3=2.4V~3.3V
Temperature Range: -30~85°C
Package Type: COG
ST7567
6800 , 8080 , 4-Line
Sitronix Technology Corp. reserves the right to change the contents in this document without prior notice.


Similar Part No. - ST7567

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST7567 ETC1-ST7567 Datasheet
715Kb / 73P
65 x 132 Dot Matrix LCD Controller/Driver
More results

Similar Description - ST7567

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST7565S ETC1-ST7565S Datasheet
715Kb / 73P
65 x 132 Dot Matrix LCD Controller/Driver
logo
Sitronix Technology Co....
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
65 x 102 Dot Matrix LCD Controller/Driver
ST7565P SITRONIX-ST7565P Datasheet
858Kb / 71P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565R SITRONIX-ST7565R Datasheet
1Mb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565S SITRONIX-ST7565S Datasheet
675Kb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565V SITRONIX-ST7565V Datasheet
877Kb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7573 SITRONIX-ST7573 Datasheet
774Kb / 46P
132 x 33 Dot Matrix LCD Controller/Driver
ST7577 SITRONIX-ST7577 Datasheet
1Mb / 48P
132 x 39 Dot Matrix LCD Controller/Driver
ST7588T SITRONIX-ST7588T Datasheet
1Mb / 61P
81 x 132 Dot Matrix LCD Controller/Driver
ST7565 SITRONIX-ST7565 Datasheet
468Kb / 56P
65 x 132 Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com