Electronic Components Datasheet Search
  English  ▼

X  

ST7567 Datasheet(PDF) 28 Page - Sitronix Technology Co., Ltd.

Part # ST7567
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7567 Datasheet(HTML) 28 Page - Sitronix Technology Co., Ltd.

Back Button ST7567 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
ST7567
Ver 1.4b
28/49
2009/02/04
Power Save (Compound Instruction)
This is compound instruction. The 1
st instruction is Display OFF (D=0) and the 2nd instruction is All Pixel ON (AP=1). The
Power Save mode starts the following procedure: (the display data and register settings are still kept except D-Flag and
AP-Flag)
1.
Stops internal oscillation circuit;
2.
Stops the built-in power circuits;
3.
Stops the LCD driving circuits and keeps the common and segment outputs at VSS.
Normal Mode
Power Save Mode
Display OFF (AEH)
All Pixel ON (A5H)
Enter Power Save Mode
Normal Mode
Power Save Mode
Display ON (AFH)
Exit Power Save Mode
Cancel All Pixel ON (A4H)
After exiting Power Save mode, the settings will return to be as they were before.
Set Booster
This is double byte instruction. The first byte set ST7567 into booster configuration mode and the following instruction will
change the booster setting. That means these 2 bytes must be used together. They control the built-in booster circuit to
provide the power source of the built-in regulator. ST7567 booster is built-in booster capacitors. The only external
component is a keep capacitor between V0 and XV0. Booster level can be changed with instruction only without changing
hardware connection.
A0
R/W(RWR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
BL
BL
Boost Level
0
X4
1
X5
Booster Ratio Set
Done
Set Booster (byte-1)
(F8H)
Set Booster (byte-2)
(depends on requirement)
Set Complete?
Yes
No
NOP
“No Operation” instruction. ST7567 will do nothing when receiving this instruction.
A0
R/W(RWR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
1
0
0
0
1
1
Test
The test mode is reserved for IC testing. Please don’t use this instruction. If the test mode is enabled accidentally, it can be
cleared by: issuing an “L” pulse on RSTB pin, issuing RESET instruction or issuing NOP instruction.
A0
R/W(RWR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
1
1
1
1
1
-
Note: “-” means “1” or “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com