Electronic Components Datasheet Search
  English  ▼

X  

ST7567 Datasheet(PDF) 36 Page - Sitronix Technology Co., Ltd.

Part # ST7567
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7567 Datasheet(HTML) 36 Page - Sitronix Technology Co., Ltd.

Back Button ST7567 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
ST7567
Ver 1.4b
36/49
2009/02/04
14. TIMING CHARACTERISTICS
System Bus Timing for 6800 Series MPU
(VDD1 = 3.3V , Ta =25
°C)
Item
Signal
Symbol
Condition
Min.
Max.
Unit
Address setup time
tAW6
0
—
Address hold time
A0
tAH6
10
—
System cycle time
tCYC6
240
—
Enable L pulse width (WRITE)
tEWLW
80
—
Enable H pulse width (WRITE)
tEWHW
80
—
Enable L pulse width (READ)
tEWLR
80
—
Enable H pulse width (READ)
E
tEWHR
140
Write data setup time
tDS6
40
—
Write data hold time
tDH6
10
—
Read data access time
tACC6
CL = 16 pF
—
70
Read data output disable time
D[7:0]
tOH6
CL = 16 pF
5
50
ns
(VDD1 = 2.8V , Ta =25
°C)
Item
Signal
Symbol
Condition
Min.
Max.
Unit
Address setup time
tAW6
0
—
Address hold time
A0
tAH6
0
—
System cycle time
tCYC6
400
—
Enable L pulse width (WRITE)
tEWLW
220
—
Enable H pulse width (WRITE)
tEWHW
180
—
Enable L pulse width (READ)
tEWLR
220
—
Enable H pulse width (READ)
E
tEWHR
180
—
Write data setup time
tDS6
40
—
Write data hold time
tDH6
20
—
Read data access time
tACC6
CL = 16 pF
—
140
Read data output disable time
D[7:0]
tOH6
CL = 16 pF
10
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com