Electronic Components Datasheet Search
  English  ▼

X  

ST7567 Datasheet(PDF) 46 Page - Sitronix Technology Co., Ltd.

Part # ST7567
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7567 Datasheet(HTML) 46 Page - Sitronix Technology Co., Ltd.

Back Button ST7567 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 49Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
ST7567
Ver 1.4b
46/49
2009/02/04
Selection of Application Voltage
Referential LCD Module Setting
VDD1=2.8V, VDD2=VDD3=2.8V, Panel Size=1.4”, Ta=25°C
Duty
Booster
Vop
Bias
8.5 ~ 9.5
1/9
1/65
X5
6.5 ~ 7.5
1/7
7.5 ~ 8.5
1/8
1/55
X5
5.5 ~ 6.5
1/6
7.5 ~ 8.5
1/8
1/49
X5
5.5 ~ 6.5
1/6
5.5 ~ 6.5
1/6
1/33
X5
4.5 ~ 5.5
1/5
It is recommended to reserve some range for user adjustment and temperature effect.
Note:
Positive Booster: (VDD2 x BL x BE) ≥ V0 or (VDD2 x BL x BE) ≥ Vop;
Negative Booster: [–VDD2 x (BL – 1) x BE] ≤ XV0 or [VDD2 x (BL – 1) x BE] ≥ (Vop – VG),
where VG = Vop x 2 / N;
Vop requirement: [VDD2 x (BL – 1) x BE] ≥ [Vop x (N – 2) / N] or [Vop ≤ VDD2 x (BL – 1) x BE x N / (N – 2)].
BL is the booster stage and BE is the booster efficiency. Referential values are listed below: (assume
VDD2=VDD3=2.8V)
Module Size
≤ 1.4”: BE=80% (Typical);
Module Size = 1.4”~1.8”: BE=76% (Typical).
Actual BE should be determined by module loading and ITO resistance value.
1.6
≤ VG < VDD2. Recommend VG is: VDD2-VG around 0.5~0.8V.
VM=VG/2 and 0.8V
≤ VM < VDD2.
The worse condition should be considered:
Low temperature effect and display on with snow pattern on panel (max: 1.8”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com