Electronic Components Datasheet Search
  English  ▼

X  

ST7567 Datasheet(PDF) 11 Page - Sitronix Technology Co., Ltd.

Part # ST7567
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7567 Datasheet(HTML) 11 Page - Sitronix Technology Co., Ltd.

Back Button ST7567 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
ST7567
Ver 1.4b
11/49
2009/02/04
Recommend ITO Resistance
Pin Name
ITO Resistance
VMO, Vref, T[1:8], TFCOM, CL
Floating
VDD1, VDD2, VDD3, VSS1, VSS2, VSS3
< 100
V0(V0in, V0out, V0s), VG(Vgin, Vgout, VGs), XV0(XV0in, XV0out, XV0s)
< 300
A0, RWR, ERD, CSB, D[7:0]
< 1K
PSB, C86, SEL[2:1]
< 5K
RSTB
*1
< 10K
Note:
1.
To prevent the ESD pulse resetting the internal register, applications should increase the resistance of RSTB signal
(add a series resistor or increase ITO resistance). The value is different from modules.
2.
The option setting to be “H” should connect to VDD1 or VDDH.
3.
The option setting to be “L” should connect to VSS1 or VSSL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com