Electronic Components Datasheet Search
  English  ▼

X  

ST7567 Datasheet(PDF) 24 Page - Sitronix Technology Co., Ltd.

Part # ST7567
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7567 Datasheet(HTML) 24 Page - Sitronix Technology Co., Ltd.

Back Button ST7567 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
ST7567
Ver 1.4b
24/49
2009/02/04
SEG Direction
A0
R/W(RWR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
0
1
0
0
0
0
MX
Flag
Description
MX
MX=0: Normal direction (SEG0->SEG131)
MX=1: Reverse direction (SEG131->SEG0)
Inverse Display
This instruction changes the selected and non-selected voltage of SEG. The display will be inversed (white -> Black, Black
-> White) while the display data in the Display Data RAM is never changed.
A0
R/W(RWR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
0
1
0
0
1
1
INV
Flag
Description
INV
INV=0: Normal display
INV =1: Inverse display
All Pixel ON
This instruction will let all segments output the selected voltage and make all pixels turned ON.
A0
R/W(RWR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
0
1
0
0
1
0
AP
Flag
Description
AP
AP =0: Normal display
AP =1: All pixels ON
Bias Select
Select LCD bias ratio of the voltage required for driving the LCD.
A0
R/W(RWR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
0
1
0
0
0
1
BS
Bias
Duty
BS=0
BS=1
1/65
1/9
1/7
1/49
1/8
1/6
1/33
1/6
1/5
1/55
1/8
1/6
Reference LCD Bias Voltage (1/65 Duty with 1/9 Bias)
Symbol
Bias Voltage
V0
V0
VG
2/9 x V0
VM
1/9 x V0
VSS
VSS
Please Note:
* VG range: 1.24V
≤ VG < VDD2.
* VM range: 0.62V
≤ VM < VDD2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com