Electronic Components Datasheet Search
  English  ▼

X  

ST7567 Datasheet(PDF) 32 Page - Sitronix Technology Co., Ltd.

Part # ST7567
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7567 Datasheet(HTML) 32 Page - Sitronix Technology Co., Ltd.

Back Button ST7567 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
ST7567
Ver 1.4b
32/49
2009/02/04
Power OFF Flow and Sequence
In power save mode, LCD outputs are fixed to VSS and all analog outputs are discharged. The power can be turned OFF
after ST7567 is in the power save mode. The power save mode can be triggered by the following two methods.
R
R
R e
ee fffe
ee r
rr e
ee n
n
n t
tt iiia
aa lll P
P
P o
o
o w
w
w e
ee r
rr O
O
O F
F
F F
F
F F
F
F lllo
o
o w
w
w
O
O
O p
p
p e
ee r
rr a
aa tttiiio
o
o n
n
n S
S
S e
ee q
q
q u
u
u e
ee n
n
n c
cce
ee
CASE 1: Use Power Save Instruction
Normal Mode
Power OFF
Display OFF (AEH)
All Pixel ON (A5H)
Power OFF Flow
Wait 250ms
Turn VDD1~VDD3 OFF
Instruction Flow
After the built-in power circuits are OFF and completely
discharged, the power (VDDI, VDDA) can be removed.
CASE 2: Use Hardware Reset Function
Normal Mode
Power OFF
Set RSTB=L (wait > t
RW)
Set RSTB=H
Power OFF Flow
Wait 250ms
Turn VDD1~VDD3 OFF
Instruction Flow
After the built-in power circuits are OFF and completely
discharged, the power (VDDI, VDDA) can be removed.
Note:
1.
tPOFF: Internal Power discharge time. => 250ms (max).
2.
tV2OFF: Period between VDDI and VDDA OFF time. => 0 ms (min).
3.
It is NOT recommended to turn VDDI OFF before VDDA. Without VDDI, the internal status cannot be guaranteed and
internal discharge-process maybe stopped. The un-discharged power maybe flows into COM/SEG output(s) and the
liquid crystal in panel maybe polarized.
4.
IC will NOT be damaged if either VDDI or VDDA is OFF while another is ON.
5.
The timing is dependent on panel loading and the external capacitor(s).
6.
The timing in these figures is base on the condition that: LCD Panel Size = 1.4” with C1=1uF, C2=1uF.
7.
When turning VDDA OFF, the falling time should follow the specification:
20ms
≤ tPfall ≤ 0.2sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com