Electronic Components Datasheet Search
  English  ▼

X  

ST7567 Datasheet(PDF) 12 Page - Sitronix Technology Co., Ltd.

Part # ST7567
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7567 Datasheet(HTML) 12 Page - Sitronix Technology Co., Ltd.

Back Button ST7567 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7567 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
ST7567
Ver 1.4b
12/49
2009/02/04
FUNCTION DESCRIPTION
Microprocessor Interface
Chip Select Input
CSB pin is used for chip selection. When CSB is “L”, the microprocessor interface is enabled and ST7567 can interface with
an MPU. When CSB is “H”, the inputs of A0, ERD and RWR with any combination will be ignored and D[7:0] are high
impedance. In 4-Line serial interface, the internal shift register and serial counter are reset when CSB is “H”.
Interface Selection
The interface selection is controlled by C86 and PSB pins. The selection for parallel or serial interface is shown in Table 1.
Table 1. Parallel/Serial Interface Mode
PSB
C86
CSB
A0
ERD
RWR
D[7:0]
MPU Interface
“H”
“H”
E
R/W
6800-series parallel interface
“H”
“L”
/RD
/WR
D[7:0]
8080-series parallel interface
“L”
“X”
CSB
A0
---
---
Refer to serial interface.
4-Line SPI interface
The un-used pins are marked as “---” and should be fixed to “H” by VDD1 or VDDH.
Parallel Interface
When PSB= “H”, the 8-bit bi-directional parallel interface is enabled and the type of MPU is selected by “C86” pin as shown
in Table 2. The data transfer type is determined by signals on A0, ERD and RWR as shown in Table 3.
Table 2. Microprocessor Selection for Parallel Interface
PSB
C86
CSB
A0
ERD
RWR
D[7:0]
MPU Interface
“H”
“H”
E
R/W
6800-series parallel interface
“H”
“L”
CSB
A0
/RD
/WR
D[7:0]
8080-series parallel interface
Table 3. Parallel Data Transfer Type
Common Pins
6800-Series
8080-Series
CSB
A0
E (ERD)
R/W (RWR)
/RD (ERD)
/WR (RWR)
Description
“H”
“H”
“H”
“L”
“H”
Display data read out
“H”
“H”
“L”
“H”
“L”
Display data write
“L”
“H”
“H”
“L”
“H”
Internal status read
“L”
“L”
“H”
“L”
“H”
“L”
Writes to internal register (instruction)
Setting Serial Interface
Serial Mode
PSB
C86
CSB
A0
ERD
RWR
D[7:0]
4-Line SPI interface
“L”
X
CSB
A0
---
---
SDA, SCLK, ---, ---, ---, ---, ---, ---
* The un-used pins are marked as “---” and should be fixed to “H” by VDD1 or VDDH.
* C86 is marked as “X” and can be fixed to “H” or “L”.
Note:
1.
The option setting to be “H” should connect to VDD1 or VDDH.
2.
The option setting to be “L” should connect to VSS1 or VSSL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com