Electronic Components Datasheet Search
  English  ▼

X  

ST7577 Datasheet(PDF) 26 Page - Sitronix Technology Co., Ltd.

Part # ST7577
Description  132 x 39 Dot Matrix LCD Controller/Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7577 Datasheet(HTML) 26 Page - Sitronix Technology Co., Ltd.

Back Button ST7577 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
ST7577
Ver 1.0a
26/48
2008/02/14
H=0
When Function Set instruction sets H=0, the selected instruction descriptions are as below.
End Read-Modify-Write
This command releases the Read-Modify-Write mode, and returns the column and row address to the address it was at
when the mode was entered.
A0
R/W(/WR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
0
1
1
0
Enable Read-Modify-Write
This command is used paired with the
”End Read-Modify-Write” instruction. Once this command has been input, the display
data read command does not change the column and row address, but only the display data write command increments (+1)
the address depend on V register setting. This mode is maintained until the END command is input. When the END
command is input, the address returns to the address it was at when the read/modify/write command was entered. This
function makes it possible to reduce the load on the MPU when there are repeating data changes in a specified display
region, such as when there is a blanking cursor.
A0
R/W(/WR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
0
1
1
1
* Even in read/modify/write mode, other commands aside from display data read/write commands can also be used.
Yes
No
Read-Modify-Write
Done
Page Address Set
Column Address Set
Finished?
Dummy Read
Read-Modify-Write Cycle
Data Read
Modify Data
Data Write (at same Address)
Display Control
The bits D and E configure the display mode.
A0
R/W(/WR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
1
D
0
E
Flag
Description
D, E
D
E
Display Mode
0
0
Display Blank (DDRAM Data is masked out, segments
will always output non-selected waveform)
0
1
All Segments ON
1
0
Normal mode
1
1
Inverse Display mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com