Electronic Components Datasheet Search
  English  ▼

X  

ST7577 Datasheet(PDF) 24 Page - Sitronix Technology Co., Ltd.

Part # ST7577
Description  132 x 39 Dot Matrix LCD Controller/Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7577 Datasheet(HTML) 24 Page - Sitronix Technology Co., Ltd.

Back Button ST7577 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
ST7577
Ver 1.0a
24/48
2008/02/14
10. INSTRUCTION DESCRIPTION
Function Set
A0
R/W(/WR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
MY
XD
PD
V
H
Flag
Description
MY
Set COM scan direction:
MY=0: Normal direction (COM0->COM38, duty is determined by the
“Display Duty” setting);
MY=1: Reverse direction (COM38->COM0, duty is determined by the
“Display Duty” setting).
XD
Set DDRAM write direction.
XD=1: Write from X=0 to X=131 (Normal direction);
XD=0: Write from X=131 to X=0 (Reverse direction).
PD
Set the power mode:
PD=0: Chip is active;
PD=1: Chip is in power save mode.
In power save mode, all LCD outputs at VSS, built-in power circuits (Booster, Regulator and Follower) are
turned OFF, Oscillator OFF (external clock is possible), RAM contents is not cleared; RAM data can be
written.
V
Select Vertical or Horizontal addressing mode.
V=0: Horizontal addressing mode;
V=1: Vertical addressing mode.
H
H is used to select the extended instruction set.
Please refer to the instruction table.
Read Status
A0
R/W(/WR)
D7
D6
D5
D4
D3
D2
D1
D0
0
1
PD
0
D
E
XD
MY
V
MLB
Flag
Description
PD
PD=0: Chip is active;
PD=1: Chip is in power down mode.
D, E
D
E
Display Mode
0
0
Display Blank (DDRAM Data is masked out)
0
1
All Segments ON
1
0
Normal mode
1
1
Inverse Display mode
XD, MY
XD
MY
Display Mode
0
0
Only horizontal direction is mirrored.
0
1
Both horizontal and vertical direction is mirrored.
1
0
Normal direction.
1
1
Only vertical direction is mirrored.
V
Select Vertical or Horizontal addressing mode.
V=0: Horizontal addressing mode;
V=1: Vertical addressing mode.
MLB
Data Format. MLB=0: LSB on top; MLB=1: MSB on top.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com