Electronic Components Datasheet Search
  English  ▼

X  

ST7577 Datasheet(PDF) 33 Page - Sitronix Technology Co., Ltd.

Part # ST7577
Description  132 x 39 Dot Matrix LCD Controller/Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7577 Datasheet(HTML) 33 Page - Sitronix Technology Co., Ltd.

Back Button ST7577 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
ST7577
Ver 1.0a
33/48
2008/02/14
Power OFF flow with built-in power circuits
USING PD BIT
By setting PD=
”H”, ST7577 will go into power save mode. The LCD driving outputs are all fixed to VSS and the built-in power
circuits are turned OFF. After the built-in power circuits are turned OFF, the power (VDD and VDD2) can be removed.
Instruction Flow
Note:
1.
tIPOFF: Internal Power discharge time. => 250ms (max).
2.
tV2OFF: Period between VDD and VDD2 OFF time. => 50 ms (max).
3.
It is NOT recommended to turn VDD OFF before VDD2. Without VDD, the internal status cannot be guaranteed and
internal discharge-process maybe stopped. The un-discharged power maybe polarizes the liquid crystal in panel.
4.
IC will NOT be damaged if either VDD or VDD2 is OFF while another is ON.
5.
The timing is dependent on panel loading and the external capacitor(s).
6.
The timing in these figures is base on the condition that: LCD Panel Size = 1.5
” with C1=1uF, C2=1uF.
7.
Reset Low time after VDD2 is stable.
8.
When turning VDD2 OFF, the falling time should follow the specification:
300ms
≤ tPFall ≤ 1sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com