Electronic Components Datasheet Search
  English  ▼

X  

ST7577 Datasheet(PDF) 13 Page - Sitronix Technology Co., Ltd.

Part # ST7577
Description  132 x 39 Dot Matrix LCD Controller/Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7577 Datasheet(HTML) 13 Page - Sitronix Technology Co., Ltd.

Back Button ST7577 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
ST7577
Ver 1.0a
13/48
2008/02/14
PS2=
“L”, PS1=“L”, PS0=“L”: 4-line SPI interface
When ST7577 is set into 4-line SPI interface mode, setting CSB to be
“L” will active this chip. If CSB is “H”, the internal 8-bit
shift register and a 3-bit counter are reset. When CSB is
“L”, the serial data (SDA) and the serial clock (SCLK) are set into
input mode. The input signal on SDA will be latched into the shift register from D7 to D0 at the rising edge of the serial clock.
The display data/instruction indication is controlled via the register select pin: A0. If A0=
”L”, the input signal on SDA will be
treated as instruction; if A0=
”H”, the input signal on SDA will be treated as data. After 8-bit data are written into the Data
Display RAM, the DDRAM column address pointer will be increased by one automatically.
PS2=
“H”, PS1=“L”, PS0=“L”: 3-line SPI interface
Because 3-line SPI interface mode does not have a register selection pin
“A0”, this mode latches the A0 bit first and then
latches 8-bit input (please refer to the following figure).
Figure 3
3-line SPI Timing
Figure 2
4-line SPI Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com