Electronic Components Datasheet Search
  English  ▼

X  

ST7577 Datasheet(PDF) 10 Page - Sitronix Technology Co., Ltd.

Part # ST7577
Description  132 x 39 Dot Matrix LCD Controller/Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7577 Datasheet(HTML) 10 Page - Sitronix Technology Co., Ltd.

Back Button ST7577 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
ST7577
Ver 1.0a
10/48
2008/02/14
LCD DRIVER CLOCK SUPPLY
OSC
I
When the on-chip oscillator is used, this input must be connected to
VDD. An external clock signal, if used, is connected to this pin. The
oscillator and external clock are both inhibited by connecting the OSC pin
to VSS and the display is not clocked and may be left in a DC state. To
avoid this, the chip should always be put into Power Down Mode before
stopping the clock.
1
POWER SUPPLY PIN
VSS
Power
Ground.
3
VDD
Power
Digital Supply voltage.
The 2 supply rails, VDD and VDD2 , could be connected together (for single
power).
If a Digital Option pin is high, must be this level.
10
VDD2
Power
Analog Supply voltage.
The 2 supply rails, VDD and VDD2 , could be connected together (for single
power).
9
VRS
Power
Reference voltage. Must be left open.
1
V0I, V0O, V0S
Power
Positive LCD driving voltage for commons.
V0I is the V0 power source for the LCD driver. If using external V0, apply
the external power source on these pads.
V0O is the internal V0 regulator output pad.
V0S is the feedback for the internal V0 voltage compensation circuit.
They should be separate in ITO and be connected together by FPC.
7
XV0I, XV0O,XV0S
Power
Negative LCD driving voltage for commons.
XV0I is the XV0 power source for the LCD driver. If using external XV0,
apply the external power source on these pads.
XV0O is the internal XV0 regulator output pad.
XV0S is the feedback for the internal XV0 voltage compensation circuit.
They should be separate in ITO and be connected together by FPC.
7
VGI, VGO, VGS
Power
LCD driving voltage for segments.
VGI is the VG power source for the LCD driver. If using external VG, apply
external power source on these pads.
VGO is the internal VG regulator output pad.
VGS is the feedback for the internal VG voltage compensation circuit.
They should be separate in ITO and be connected together by FPC.
7
VM
Power
LCD driving voltage for commons.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com