Electronic Components Datasheet Search
  English  ▼

X  

ST7577 Datasheet(PDF) 40 Page - Sitronix Technology Co., Ltd.

Part # ST7577
Description  132 x 39 Dot Matrix LCD Controller/Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7577 Datasheet(HTML) 40 Page - Sitronix Technology Co., Ltd.

Back Button ST7577 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
ST7577
Ver 1.0a
40/48
2008/02/14
Serial Interface (4-Line Interface)
VDD = 2.4~3.3V
Rating
Item
Signal
Symbol
Condition
Min.
Typ.
Max.
Units
Serial Clock Period
tSCYC
330
SCL
“H” pulse width
tSHW
165
SCL
“L” pulse width
SCL
tSLW
165
Address setup time
tSAS
10
Address hold time
A0
tSAH
60
Data setup time
tSDS
10
Data hold time
SI
tSDH
40
CS-SCL time
tCSS
10
CS-SCL time
CSB
tCSH
110
ns
*1 The input signal rise and fall time (tr, tf) are specified at 15 ns or less.
*2 All timing is specified using 20% and 80% of VDD as the standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com