Electronic Components Datasheet Search
  English  ▼

X  

ST7577 Datasheet(PDF) 32 Page - Sitronix Technology Co., Ltd.

Part # ST7577
Description  132 x 39 Dot Matrix LCD Controller/Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7577 Datasheet(HTML) 32 Page - Sitronix Technology Co., Ltd.

Back Button ST7577 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
ST7577
Ver 1.0a
32/48
2008/02/14
Power Saving flow with built-in power circuits
ENTERING THE POWER SAVE MODE
The power save mode is achieved by setting PD bit to be
“1”. No specified instruction flow required.
EXITING THE POWER SAVE MODE
Figure 21 Exiting Power Save Mode
INTERNAL SEQUENCE of EXIT POWER SAVE MODE
After receiving the
“PD” is “L”, the internal circuits (Power and COM/SEG) will starts the following procedure.
Data
/WR
PD=
“L”
Booster
Regulator
Follower
COM,
SEG
t
FON
t
DON
t
BON
t
RON
Vss
Max: 100ms
Max: 100ms
Max: 100ms
Min: 160ms
Max: 240ms
Note:
1.
The power stable time is determined by LCD panel loading.
2.
The power stable time in this figure is base on: LCD Panel Size = 1.4
” with C1=1uF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com