Electronic Components Datasheet Search
  English  ▼

X  

ST7577 Datasheet(PDF) 22 Page - Sitronix Technology Co., Ltd.

Part # ST7577
Description  132 x 39 Dot Matrix LCD Controller/Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7577 Datasheet(HTML) 22 Page - Sitronix Technology Co., Ltd.

Back Button ST7577 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
ST7577
Ver 1.0a
22/48
2008/02/14
8. RESET CIRCUIT
Setting RESB to
“L” can initialize internal function. While RESB is “L”, no instruction except read status can be accepted.
The initialization by RESB is essential before using.
When RESB becomes
“L”, the following procedures will start.
Fix COM/SEG outputs at VSS.
Page address: Y[2:0]=0
Column address: X[7:0]=0
COM Scan Direction MY=0
SEG Select Direction XD=1
Data Format: MLB=MLB pin setting
Power down mode: PD=1
Initial V0 setting: VOP[6:0]=0
Display control: Display Blank: D=E=0
Normal instruction set: H=0
Frame Rate = 73Hz. FR[2:0]=011b
Duty selection: Depends on DTY pin setting.
Booster setting: BE=0, PC[1:0]=01b (Booster Efficiency Level 2, Booster X3)
Bias system: BS[1:0]=[0,0] (1/7 Bias)
After power-on, RAM data are undefined and the Display status is
“Blank”. It’s better to initialize whole DDRAM (fill all 00h
or write the display pattern) before turning the Display ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com