Electronic Components Datasheet Search
  English  ▼

X  

ST7577 Datasheet(PDF) 12 Page - Sitronix Technology Co., Ltd.

Part # ST7577
Description  132 x 39 Dot Matrix LCD Controller/Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7577 Datasheet(HTML) 12 Page - Sitronix Technology Co., Ltd.

Back Button ST7577 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
ST7577
Ver 1.0a
12/48
2008/02/14
7. FUNCTIONS DESCRIPTION
MICROPROCESSOR INTERFACE
Chip Select Input
The CSB pin is used for chip selection. ST7577 can interface with an MPU when CSB is "L". When CSB is
“H”, the control
pins (A0, /RD and /WR) are disabled and D0 to D7 are set to be high impedance. If using serial interface, the internal shift
register and the counter are reset when CSB=
”H”.
Parallel / Serial Interface
ST7577 has five types of interface to communicate with an MPU, which are three serial and two parallel interfaces. The
parallel or serial interface is determined by PS[2:0] pin as shown below.
Table 1
Parallel/Serial Interface Selection
PS2
PS1
PS0
CSB
A0
State
“L”
“L”
“L”
CSB
A0
4 Pin-SPI MPU interface
“H”
“L”
“L”
CSB
"H"
3 Pin-SPI MPU interface
“L”
“H”
“L”
CSB
A0
8080-series parallel MPU interface
“H”
“H”
“L”
CSB
A0
6800-series parallel MPU interface
Parallel Interface
The 8-bit bi-directional data bus is used in parallel interface and the type of MPU is selected by PS[2:0] as shown in Table 2.
The type of data transfer is determined by A0, ERD and RWR as shown in Table 3.
Table 2
Microprocessor Selection for Parallel Interface
PS2
PS1
PS0
CSB
A0
ERD
RWR
DB0 to DB7
MPU bus
H
H
L
CSB
A0
E
R/W
DB0 to DB7
6800-series
L
H
L
CSB
A0
/RD
/WR
DB0 to DB7
8080-series
Table 3
Parallel Data Transfer
Common
6800-series
8080-series
A0
E
(/RD)
R/W
(/WR)
/RD
(E)
/WR
(R/W)
Description
H
H
H
L
H
Display data read out
H
H
L
H
L
Display data write
L
H
H
L
H
Register status read
L
H
L
H
L
Writes to internal register (instruction)
NOTE: When ERD pin is always pulled high in 6800-series interface, the CSB can be used as enable signal. In this case,
interface data is latched at the rising edge of CSB and the access type is determined by A0, RWR as 6800-series mode.
Serial Interface
ST7577 supports 2 kinds of serial interface and the type is selected by PS2~PS0 as shown below.
Serial Mode
PS2
PS1
PS0
CSB
A0
4-line SPI interface
L
L
L
CSB
A0
3-line SPI interface
H
L
L
CSB
Not Used
Fix to
“H”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com