Electronic Components Datasheet Search
  English  ▼

X  

ST7577 Datasheet(PDF) 37 Page - Sitronix Technology Co., Ltd.

Part # ST7577
Description  132 x 39 Dot Matrix LCD Controller/Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7577 Datasheet(HTML) 37 Page - Sitronix Technology Co., Ltd.

Back Button ST7577 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
ST7577
Ver 1.0a
37/48
2008/02/14
Dynamic Current Consumption: During Display, with Internal Power Supply ON, current consumed by whole chip (bare die)
Rating
Test pattern
Symbol
Condition
Min.
Typ.
Max.
Units
Notes
Display Pattern
SNOW
ISS
VDD = VDD2 = 2.8V, Frame Rate = 73Hz;
Booster X4; V0 = 6.9 V; Bias=1/7; 1/39 Duty
—
85
—
μA
Power Down
ISS
VDD = VDD2 = 2.8V, Ta = 25°C
—
0.5
10
μA
Notes to the DC characteristics
1.
The maximum V0 voltage may be generated will be limited by VDD2 , temperature and panel loading.
2.
Power Down: During power down mode, all static currents are switched off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com