Electronic Components Datasheet Search
  English  ▼

X  

ST7577 Datasheet(PDF) 44 Page - Sitronix Technology Co., Ltd.

Part # ST7577
Description  132 x 39 Dot Matrix LCD Controller/Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7577 Datasheet(HTML) 44 Page - Sitronix Technology Co., Ltd.

Back Button ST7577 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 48Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
ST7577
Ver 1.0a
44/48
2008/02/14
ITO Layout Reference (for Power)
V0O
V0I
V0S
Power Circuit Input, Output and Sensor ITO Layout
(for V0, XV0 and VG ITO layout)
VDD
VDD2
Digital / Analog Power ITO Layout (Using Single Power)
V0O
V0S
V0I
IC Side
ITO
FPC
CAP
RO
RI
RS
Equivalent Circuit
Note:
1.
Total resistance value of VSS should be smaller than
“VDD//VDD2”.
2.
Recommend ITO resistance value:
RI ≤ 150 Ohm; RO ≤ 200 Ohm; RS ≤ 250 Ohm.
3.
The relationship among input, output and sensor
ITO(for V0, XV0 and VG) resistance value is RS > RO
> RI .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com