| Electronic Components Datasheet Search |
|
ST7577 Datasheet(PDF) 15 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7577 Datasheet(HTML) 15 Page - Sitronix Technology Co., Ltd. |
|
15 / 48 page ![]() ST7577 Ver 1.0a 15/48 2008/02/14 DISPLAY DATA RAM (DDRAM) ST7577 contains a 132X39 bit static RAM that stores the display data. The Display Data RAM stores the dot data for the LCD display. It is 132-column by 39-row addressable array: 132X39 (4-page X 8-bit + 1-page X 7-bit). Each pixel can be selected when the page and column addresses are specified. The 39 rows are divided into 4 pages (with 8 lines, COM 0~38) and the 4th page (with 7 lines, COM32~38). Data is read from or written to each page directly through D7 to D0. The display data (D7~D0) corresponds to the LCD common-line direction (default: top to down). The microprocessor can write to and read (only Parallel interfaces) from DDRAM by the I/O buffer. Since the LCD controller operates independently, data can be written into RAM at the same time as data is being displayed without causing the LCD flicker or data-conflict. DDRAM ORGANIZATION Data is written in bytes into the RAM matrix of ST7577 as shown in Figure 6~Figure 9. The Display Data RAM is a matrix of 132 by 39 bits. The address pointer keeps the X and Y address. The valid address ranges are: X=0~131, Y=0~4. The default data orientation of DDRAM is controlled by the hardware pin “MLB”. When MLB= ”L”, the data write into DDRAM is from D0~D7 (LSB on top). Please refer to Figure 6. When MLB= ”H”, the data write into DDRAM is from D7~D0 (MSB on top). Please refer to Figure 7. Figure 6 DDRAM Format, If MLB=0 Figure 7 DDRAM Format, If MLB=1 COLUMN ADDRESS CIRCUIT Column Address Circuit has an 8-bit preset counter that points to each column of DDRAM as shown in Figure 6. The valid range is from 0 to 131. The DDRAM column address can be specified by the Set X address instruction. PAGE ADDRESS CIRCUIT This circuit is for providing a page address to Display Data RAM. It incorporates 3-bit Y address register and can be programmed by the “Set Y address of RAM” instruction. Page Address 4 is a special RAM area for the rest display data where only 7-bit of RAM cells are valid (please refer to Figure 6 & Figure 7). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |