Electronic Components Datasheet Search
  English  ▼

X  

ST7577 Datasheet(PDF) 9 Page - Sitronix Technology Co., Ltd.

Part # ST7577
Description  132 x 39 Dot Matrix LCD Controller/Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7577 Datasheet(HTML) 9 Page - Sitronix Technology Co., Ltd.

Back Button ST7577 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
ST7577
Ver 1.0a
9/48
2008/02/14
RWR_A
(for Port-A)
RWR_B
(for Port-B)
I
Read/Write execution control pin (PS[0:1]=[L:H]).
PS2
MPU type
RWR
Description
H
6800-series
R/W
Read/Write control input pin
R/W=
“H”: read;
R/W=
“L”: write.
L
8080-series
/WR
Write enable clock input pin
The data on D0 to D7 are latched at
the rising edge of the /WR signal.
When in the serial interface, left it connected to VDD.
* MODE pin will select one of two RWR pins. The unused one should be
left floating.
1*
1*
ERD_A
(for Port-A)
ERD_B
(for Port-B)
I
Read/Write execution control pin (PS[0:1]=[L:H]).
PS2
MPU Type
/RD(E)
Description
H
6800-series
E
Read/Write control input pin
R/W=
“H”: When E is “H”, D0 to D7
are in an output status;
R/W=
“L”: The data on D0 to D7 are
latched at the falling edge of the E
signal.
L
8080-series
/RD
Read enable clock input pin.
When /RD is
“L”, D0 to D7 are in an
output status.
When in the serial interface, left it connected to VDD.
* MODE pin will select one of two RWR pins. The unused one should be
left floating.
1*
1*
When using 8-bit parallel interface: 6800, 8080
8-bit bi-directional data bus that is connected to the standard 8-bit
microprocessor data bus.
When chip select is not active, D0 to D7 is high impedance.
When using serial interface: 4-LINE
D0: serial input clock (SCLK);
D1, D2, D3: serial input data (SDA), must be connected together;
D4~D7 must be connected to VDD (not used).
When chip select is not active, D0 to D7 is high impedance.
D7_A
…D0_A
(for Port-A)
D7_B
…D0_B
(for Port-B)
I/O
When using serial interface: 3-LINE
D0: serial input clock (SCLK).
D1, D2, D3: serial input data (SDA), must be connected together;
D4~D7 must be connected to VDD (not used).
When chip select is not active, D0 to D7 is high impedance.
8*
8*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com