Electronic Components Datasheet Search
  English  ▼

X  

ST7577 Datasheet(PDF) 38 Page - Sitronix Technology Co., Ltd.

Part # ST7577
Description  132 x 39 Dot Matrix LCD Controller/Driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7577 Datasheet(HTML) 38 Page - Sitronix Technology Co., Ltd.

Back Button ST7577 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7577 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
ST7577
Ver 1.0a
38/48
2008/02/14
15. TIMING CHARACTERISTICS
System Bus Read/Write Characteristics (For the 8080 Series MPU)
Figure 23
VDD = 2.4~3.3V
Rating
Item
Signal
Symbol
Condition
Min.
Typ.
Max.
Units
Address setup time
tAW8
15
Address hold time
A0
tAH8
10
System cycle time
tCYC8
150
/WR low pulse width
tCCLW
80
/WR high pulse width
/WR
tCCHW
70
/RD low pulse width
tCCLR
243
/RD high pulse width
/RD
tCCHR
70
WRITE Data setup time
tDS8
30
WRITE Data hold time
tDH8
35
READ access time
tACC8
30
243
READ output disable time
D0 ~ D7
tOH8
70
ns
*1 The input signal rise time and fall time (tr, tf) is specified at 15 ns or less. When the system cycle time is extremely fast,
(tr +tf) ≦ (tCYC8
– tCCLW – tCCHW) for (tr + tf) ≦ (tCYC8 – tCCLR – tCCHR) are specified.
*2 All timing is specified using 20% and 80% of VDD as the reference.
*3 tCCLW and tCCLR are specified as the overlap between CSB being
“L” and WR and RD being at the “L” level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com